Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3748 Datasheet HTML 18Page - Linear Technology LT3748 Datasheet HTML 19Page - Linear Technology LT3748 Datasheet HTML 20Page - Linear Technology LT3748 Datasheet HTML 21Page - Linear Technology LT3748 Datasheet HTML 22Page - Linear Technology LT3748 Datasheet HTML 23Page - Linear Technology LT3748 Datasheet HTML 24Page - Linear Technology LT3748 Datasheet HTML 25Page - Linear Technology LT3748 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LT3748
22
3748fa
6. Select the Feedback Resistor for Proper Output
Voltage
Using the iterative process laid out earlier in the Applications
Information section, select the feedback resistor RFB and
program the output voltage to 5V. Adjust the RTC resistor
for temperature compensation of the output voltage. RREF
is selected as 6.04k.
7. Select the Output Capacitor
The output capacitor should be chosen to minimize the
output voltage ripple while considering the increase in
size and cost of a larger capacitor. The following equation
calculates the output voltage ripple:
ΔVMAX =
LPRI •ILIM2
2• COUT •VOUT
8. Add Snubber Circuitry as Necessary
With the primary components selected, the application
should be constructed to evaluate ringing at the drain of the
MOSFET switch and to evaluate step response to optimize
the compensation network. If using an RC snubber, the
equations from the Applications Information section can
be used or a rough estimate of component values may
come from using the published leakage inductance of the
transformer and selecting a snubber capacitor ranging
from 1 to 3 times larger than the published MOSFET output
capacitance. In this application, the peak MOSFET drain
voltage was measured at maximum load from minimum
VIN and exceeded the 150V rating of the Si7738. A DZ
APPLICATIONS INFORMATION
clamp was considered in order to maximize efficiency but
was unable to turn on fast enough to sufficiently clamp the
very fast leakage spike. The final solution is an RC snubber,
implemented iteratively, that decreases efficiency by less
than 1% across the majority of the output load range while
reducing the worst-case drain voltage spike to just 80V.
Similarly, the anode of the output diode is probed to look
at potential ringing when the MOSFET switch turns on and
a peak of 45V is measured across the diode. Therefore,
no snubber circuitry is required.
9. Optimize the Compensation Network
To set the compensation, the application is first configured
with a 22nF capacitor and 10k resistor as a starting point. A
load step is applied at both light and heavy loads at the 60V
maximum input voltage and the capacitance is decreased
until damping decreases to the desired limit, in this case
with a compensation capacitance of 2.2nF and a response
implying about 60˚ of phase margin. After verifying stability
at the minimum input voltage, as well, the compensation
capacitance is doubled for safety margin. The series resis-
tance is varied from 5k to 50k but the optimal response is
observed with 24.7k. For best ripple performance, select
a compensation capacitor not less than 1nF, and select a
compensation resistor not greater than 50k.
10. Soft-Start Capacitor and UVLO Resistor Divider
A soft-start capacitor helps during the start-up of the
flyback converter. Select the UVLO resistor divider for
the intended input operation range. These equations are
aforementioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com