Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 5 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LT3748
5
3748fa
TYPICAL PERFORMANCE CHARACTERISTICS
Error Amplifier Transconductance
vs Temperature
Error Amplifier Output Current
vs RREF Pin Voltage
SENSE Pin Threshold
vs Temperature
EN/UVLO Current vs Temperature
EN/UVLO Threshold
vs Temperature
TC Pin Voltage vs Temperature
TA = 25°C, unless otherwise noted.
Maximum Discontinuous Off-Time
vs Temperature
GATE Rise and Fall Time vs Charge
GATE Rise and Fall Time
vs INTVCC Voltage
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
3748 G10
2.5
3.0
–25
25
75
125
VEN/UVLO = 1.1V
VEN/UVLO = 0.9V
VEN/UVLO = 1.3V
TEMPERATURE (°C)
–50
1.20
1.30
150
3748 G11
1.10
1.00
0
50
100
–25
25
75
125
1.40
1.15
1.25
1.05
1.35
TEMPERATURE (°C)
–50
0.5
0.6
0.7
150
3748 G12
0.4
0.3
0
0
50
100
–25
25
75
125
0.2
0.1
0.9
0.8
TEMPERATURE (°C)
–50
100
110
130
140
150
200
170
0
50
75
3748 G13
120
180
190
160
–25
25
100 125
150
VIN = 100V
VIN = 6V
VREF (V)
0
0
20
40
60
2.0
3748 G14
–20
–40
–10
10
30
50
–30
–50
–60
0.5
1.0
1.5
2.5
150°C
100°C
25°C
–50°C
TEMPERATURE (°C)
–50
80
120
150
3748 G15
40
0
0
50
100
–25
25
75
125
160
60
100
20
140
OVERCURRENT
VC = 2.2V
VC = 0.2V
TEMPERATURE (°C)
–50
20
21
23
24
25
30
27
0
50
75
3748 G16
22
28
29
26
–25
25
100 125
150
TOTAL GATE CHARGE (nC)
0
0
10
20
30
40
20
40
60
80
3748 G17
100
120
50
0
0.5
1.0
1.5
2.0
RISE TIME
FALL TIME
Q = C • V
VINTVCC = 7V
tr, tf 10% TO 90%
AVERAGE
CURRENT
VINTVCC (V)
0
10
15
20
3748 G18
5
0
5
10
15
25
20
FALLING
RISING
CGATE = 3.3nF
tr, tf 10% TO 90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com