Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3748
Description  100V Isolated Flyback Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3748 Datasheet(HTML) 4 Page - Linear Technology

  LT3748 Datasheet HTML 1Page - Linear Technology LT3748 Datasheet HTML 2Page - Linear Technology LT3748 Datasheet HTML 3Page - Linear Technology LT3748 Datasheet HTML 4Page - Linear Technology LT3748 Datasheet HTML 5Page - Linear Technology LT3748 Datasheet HTML 6Page - Linear Technology LT3748 Datasheet HTML 7Page - Linear Technology LT3748 Datasheet HTML 8Page - Linear Technology LT3748 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LT3748
4
3748fa
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Undervoltage Lockout
vs Temperature
INTVCC Voltage vs VIN Voltage
INTVCC Regulator Dropout
vs INTVCC Current
Soft-Start Current vs Temperature
Output Regulation vs Temperature
Quiescent Current vs Temperature
INTVCC Voltage vs Temperature
TA = 25°C, unless otherwise noted.
Quiescent Current vs VIN Voltage
INTVCC Dropout vs Temperature
TEMPERATURE ( C)
–50
14.4
14.6
14.8
15.0
15.2
050
100
150
3748 G01
15.4
15.6
–25
25
75
125
FIGURE 15 CIRCUIT
IOUT = 150mA ON EACH OUTPUT
VIN = 12V
TEMPERATURE (°C)
–50
1.3
1.4
1.5
150
3748 G02
1.2
1.1
0.8
0
50
100
–25
25
75
125
1.0
0.9
1.7
1.6
VSS = 0V
INTVCC = OPEN
VIN = 72V
VIN = 36V
VIN = 12V
VIN = 6V
VIN (V)
0
0.6
0.8
1.0
60
100
3748 G03
0.4
0.2
0
20
40
80
1.2
1.4
1.6
VSS = 0V
INTVCC = OPEN
TEMPERATURE (°C)
–50
6.5
6.6
6.8
6.9
7.0
7.5
7.2
0
50
75
3748 G04
6.7
7.3
7.4
7.1
–25
25
100 125
150
IINTVCC = 0mA
IINTVCC = 10mA
VIN VOLTAGE (V)
46
6.0
6.5
7.0
60
3748 G05
5.5
5.0
820
80
10
40
100
4.5
4.0
7.5
IINTVCC = 0mA
IINTVCC = 10mA
TEMPERATURE (°C)
–50
3.7
3.8
3.9
25
50
75
100 125
3748 G06
3.6
3.5
–25
0
150
3.4
3.3
4.0
RISING THRESHOLD
FALLING THRESHOLD
INTVCC CURRENT (mA)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
VIN = 5V
10
20
30
40
3748 G07
150°C
100°C
25°C
–50°C
TEMPERATURE ( C)
–50
0
0.5
1.0
1.5
2.0
050
100
150
3748 G08
2.5
3.0
–25
25
75
125
VIN = 5V
IINTVCC = 20mA
IINTVCC = 10mA
IINTVCC = 5mA
TEMPERATURE ( C)
–50
0
1
2
3
4
050
100
150
3748 G09
5
6
–25
25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com