Electronic Components Datasheet Search
  English  ▼

X  

STM805LM6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM805LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805LM6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM805LM6F Datasheet HTML 5Page - STMicroelectronics STM805LM6F Datasheet HTML 6Page - STMicroelectronics STM805LM6F Datasheet HTML 7Page - STMicroelectronics STM805LM6F Datasheet HTML 8Page - STMicroelectronics STM805LM6F Datasheet HTML 9Page - STMicroelectronics STM805LM6F Datasheet HTML 10Page - STMicroelectronics STM805LM6F Datasheet HTML 11Page - STMicroelectronics STM805LM6F Datasheet HTML 12Page - STMicroelectronics STM805LM6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Description
Doc ID 10522 Rev 10
9/43
1.1.5
VOUT
When VCC is above the switchover voltage (VSO), VOUT is connected to VCC through a P-
channel MOSFET switch. When VCC falls below VSO, VBAT connects to VOUT.
1.1.6
VBAT
When VCC falls below VSO, VOUT switches from VCC to VBAT. When VCC rises above VSO +
hysteresis, VOUT reconnects to VCC. VBAT may exceed VCC. Connect to VCC if no battery is
used.
1.1.7
E
The input to the chip-enable gating circuit. Connect to ground if unused.
1.1.8
ECON
ECON goes low only when E is low and reset is not asserted. If ECON is low when reset is
asserted, ECON will remain low for 15 µs or until E goes high, whichever occurs first. In the
disabled mode, ECON is pulled up to VOUT.
1.1.9
PFI
When PFI is less than VPFI or when VCC falls below 2.4 V (or VSO), PFO goes low;
otherwise, PFO remains high. Connect to ground if unused.
1.1.10
PFO
When PFI is less than VPFI, or VCC falls below 2.4 V (or VSO), PFO goes low; otherwise,
PFO remains high. Leave open if unused. Output type is push-pull.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com