Electronic Components Datasheet Search
  English  ▼

X  

STM805LM6F Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM805LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805LM6F Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM805LM6F Datasheet HTML 28Page - STMicroelectronics STM805LM6F Datasheet HTML 29Page - STMicroelectronics STM805LM6F Datasheet HTML 30Page - STMicroelectronics STM805LM6F Datasheet HTML 31Page - STMicroelectronics STM805LM6F Datasheet HTML 32Page - STMicroelectronics STM805LM6F Datasheet HTML 33Page - STMicroelectronics STM805LM6F Datasheet HTML 34Page - STMicroelectronics STM805LM6F Datasheet HTML 35Page - STMicroelectronics STM805LM6F Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
DC and AC parameters
STM690A/692A/703/704/802/805/817/818/819
32/43
Doc ID 10522 Rev 10
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the measurement conditions summarized in
Table 6: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 39.
E to ECON propagation delay test circuit
1.
CL includes load capacitance and scope probe capacitance.
Table 6.
Operating and AC measurement conditions
Parameter
STM690A/692A/703/704/802/805/
817/818/819
Unit
VCC/VBAT supply voltage
1.0 to 5.5
V
Ambient operating temperature (TA)
–40 to 85
°C
Input rise and fall times
≤ 5ns
Input pulse voltages
0.2 to 0.8VCC
V
Input and output timing ref. voltages
0.3 to 0.7VCC
V
AI08854
VBAT
ECON
VCC
VCC
3.6V
50pF CL
(1)
25
Equivalent
Source Impedance
50
Cable
50
50
STMXXX
GND
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com