Electronic Components Datasheet Search
  English  ▼

X  

STM805LM6F Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM805LM6F
Description  5 V supervisor with battery switchover
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM805LM6F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM805LM6F Datasheet HTML 11Page - STMicroelectronics STM805LM6F Datasheet HTML 12Page - STMicroelectronics STM805LM6F Datasheet HTML 13Page - STMicroelectronics STM805LM6F Datasheet HTML 14Page - STMicroelectronics STM805LM6F Datasheet HTML 15Page - STMicroelectronics STM805LM6F Datasheet HTML 16Page - STMicroelectronics STM805LM6F Datasheet HTML 17Page - STMicroelectronics STM805LM6F Datasheet HTML 18Page - STMicroelectronics STM805LM6F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
STM690A/692A/703/704/802/805/817/818/819
Operation
Doc ID 10522 Rev 10
15/43
2.5
Chip-enable gating (STM818 only)
Internal gating of the chip-enable (E) signal prevents erroneous data from corrupting the
external CMOS RAM in the event of an undervoltage condition. The STM818 uses a series
transmission gate from E to ECON (see Figure 11). During normal operation (reset not
asserted), the E transmission gate is enabled and passes all E transitions. When reset is
asserted, this path becomes disabled, preventing erroneous data from corrupting the CMOS
RAM. The short propagation delay from E to ECON enables the STM818 to be used with
most µPs. If E is low when reset asserts, ECON remains low for typically 15 µs (or until E
goes high) to permit the current WRITE cycle to complete. Connect E to VSS if unused.
2.6
Chip-enable input (STM818 only)
The chip-enable transmission gate is disabled and E is high impedance (disabled mode)
while reset is asserted. During a power-down sequence when VCC passes the reset
threshold, the chip-enable transmission gate disables and E immediately becomes high
impedance if the voltage at E is high. If E is low when reset asserts, the chip-enable
transmission gate will disable 15 µs after reset asserts (see Figure 12). This permits the
current WRITE cycle to complete during power-down.
Any time a reset is generated, the chip-enable transmission gate remains disabled and E
remains high impedance (regardless of E activity) for the reset time-out period. When the
chip-enable transmission gate is enabled, the impedance of E appears as a 40
Ω resistor in
series with the load at ECON. The propagation delay through the chip-enable transmission
gate depends on VCC, the source impedance of the drive connected to E, and the loading
on ECON. The chip-enable propagation delay is production tested from the 50% point on E to
the 50% point on ECON using a 50 Ω driver and a 50 pF load capacitance (see Figure 39).
For minimum propagation delay, minimize the capacitive load at ECON and use a low-output
impedance driver.
2.7
Chip-enable output (STM818 only)
When the chip-enable transmission gate is enabled, the impedance of ECON is equivalent to
a 40
Ω resistor in series with the source driving E. In the disabled mode, the transmission
gate is off and an active pull-up connects ECON to VOUT (see Figure 11). This pull-up turns
off when the transmission gate is enabled.
Figure 11.
Chip-enable gating
AI08802
VRST
VOUT
VCC
COMPARE
ECON
trec
Generator
ECON OUTPUT
CONTROL
RST
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com