Electronic Components Datasheet Search
  English  ▼

X  

DQ965GF Datasheet(PDF) 18 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 18 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 14Page - Intel Corporation DQ965GF Datasheet HTML 15Page - Intel Corporation DQ965GF Datasheet HTML 16Page - Intel Corporation DQ965GF Datasheet HTML 17Page - Intel Corporation DQ965GF Datasheet HTML 18Page - Intel Corporation DQ965GF Datasheet HTML 19Page - Intel Corporation DQ965GF Datasheet HTML 20Page - Intel Corporation DQ965GF Datasheet HTML 21Page - Intel Corporation DQ965GF Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
Intel Desktop Board DQ965GF Technical Product Specification
18
1.4
System Memory
The board has four DIMM sockets and supports the following memory features:
•
1.8 V (only) DDR2 SDRAM DIMMs with gold-plated contacts
•
Unbuffered, single-sided or double-sided DIMMs with the following restriction:
Double-sided DIMMS with x16 organization are not supported.
•
8 GB maximum total system memory using DDR2 667 or DDR2 533 DIMMs;
4 GB maximum total system memory using DDR2 800 DIMMs. Refer to
Section 2.1.1 on page 49 for information on the total amount of addressable
memory.
•
Minimum total system memory: 512 MB
•
Non-ECC DIMMs
•
Serial Presence Detect
•
DDR2 800, DDR2 667, or DDR2 533 MHz SDRAM DIMMs
•
DDR2 800 DIMMs with SPD timings of only 5-5-5 or 6-6-6 (tCL-tRCD-tRP)
NOTE
A minimum of 512 MB of system memory is required to fully enable both the onboard
graphics and the manageability engine.
NOTE
To be fully compliant with all applicable DDR SDRAM memory specifications, the board
should be populated with DIMMs that support the Serial Presence Detect (SPD) data
structure. This enables the BIOS to read the SPD data and program the chipset to
accurately configure memory settings for optimum performance. If non-SPD memory
is installed, the BIOS will attempt to correctly configure the memory settings, but
performance and reliability may be impacted or the DIMMs may not function under the
determined frequency.
Table 4 lists the supported DIMM configurations.
Table 4. Supported Memory Configurations
DIMM
Type
SDRAM
Technology
Smallest usable
DIMM (one x16
Single-sided
DIMM)
Largest usable
DIMM (one x8
Double-sided
DIMM)
Maximum capacity
with four identical
x8 Double-sided
DIMMs
DDR2 533
256 Mbit
128 MB
512 MB
2 GB
DDR2 533
512 Mbit
256 MB
1 GB
4 GB
DDR2 533
1 Gbit
512 MB
2 GB
8 GB
DDR2 667
256 Mbit
128 MB
512 MB
2 GB
DDR2 667
512 Mbit
256 MB
1 GB
4 GB
DDR2 667
1 Gbit
512 MB
2 GB
8 GB
DDR2 800
256 Mbit
128 MB
512 MB
2 GB
DDR2 800
512 Mbit
256 MB
1 GB
4 GB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com