Electronic Components Datasheet Search
  English  ▼

X  

DQ965GF Datasheet(PDF) 53 Page - Intel Corporation

Part # DQ965GF
Description  Technical Product Specification
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DQ965GF Datasheet(HTML) 53 Page - Intel Corporation

Back Button DQ965GF Datasheet HTML 49Page - Intel Corporation DQ965GF Datasheet HTML 50Page - Intel Corporation DQ965GF Datasheet HTML 51Page - Intel Corporation DQ965GF Datasheet HTML 52Page - Intel Corporation DQ965GF Datasheet HTML 53Page - Intel Corporation DQ965GF Datasheet HTML 54Page - Intel Corporation DQ965GF Datasheet HTML 55Page - Intel Corporation DQ965GF Datasheet HTML 56Page - Intel Corporation DQ965GF Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
Technical Reference
53
2.4
PCI Configuration Space Map
Table 14. PCI Configuration Space Map
Bus
Number (hex)
Device
Number (hex)
Function
Number (hex) Description
00
00
00
Memory controller of Intel 82Q965 component
00
01
00
PCI Express x16 graphics port (Note 1)
00
02
00
Integrated graphics controller
00
1B
00
Intel High Definition Audio Controller
00
1C
00
PCI Express port 1
00
1C
01
PCI Express port 2
00
1C
02
PCI Express port 3
00
1C
03
PCI Express port 4
00
1C
04
PCI Express port 5
00
1D
00
USB UHCI controller 1
00
1D
01
USB UHCI controller 2
00
1D
02
USB UHCI controller 3
00
1D
00
USB UHCI controller 4
00
1A
01
USB UHCI controller 5
00
1D
07
EHCI controller #1
00
1A
07
EHCI controller #2
00
1E
00
PCI bridge
00
1F
00
PCI controller
00
1F
01
Parallel ATA IDE controller
00
1F
02
Serial ATA controller #1
00
1F
05
Serial ATA controller #2
00
1F
03
SMBus controller
00
19
00
Gigabit LAN controller
(Note 2)
00
00
PCI Conventional bus connector 1
(Note 2)
01
00
PCI Conventional bus connector 2
(Note 2)
03
00
IEEE-1394a controller (optional)
01
00
00
PCI Express video controller (Note 1)
Notes:
1. Present only when a PCI Express x16 graphics card is installed.
2. Bus number is dynamic and can change based on add-in cards used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com