Electronic Components Datasheet Search
  English  ▼

X  

MAX8563 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8563
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8563 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8563 Datasheet HTML 3Page - Maxim Integrated Products MAX8563 Datasheet HTML 4Page - Maxim Integrated Products MAX8563 Datasheet HTML 5Page - Maxim Integrated Products MAX8563 Datasheet HTML 6Page - Maxim Integrated Products MAX8563 Datasheet HTML 7Page - Maxim Integrated Products MAX8563 Datasheet HTML 8Page - Maxim Integrated Products MAX8563 Datasheet HTML 9Page - Maxim Integrated Products MAX8563 Datasheet HTML 10Page - Maxim Integrated Products MAX8563 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
_______________________________________________________________________________________
7
Typical Application Circuits
MAX8563: Triple Output
OFF
ON
OFF
ON
OFF
ON
DRV1
FB1
EN1
POK1
GND
N.C.
DRV3
FB3
VDD
DRV2
FB2
EN2
POK2
N.C.
POK3
EN3
MAX8563
1.8V
±5% IN
C1
C5
R2
R1
C4
OUT1
1.5V/1.5A
R3
Q1
POK1
3.3V
±5% IN
OUT3
2.5V/2A*
C9
C10
C8
Q3
R8
R7
R9
R6
R5
R4
C6
C2
C3
C7
Q2
OUT2
1.05V/3A
POK2
POK3
5V OR 12VIN
1.2V
±5% IN
*2.5V OUTPUT ONLY WITH VDD = 12V
Figure 1. MAX8563 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com