Electronic Components Datasheet Search
  English  ▼

X  

MAX8563 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8563
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8563 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8563 Datasheet HTML 1Page - Maxim Integrated Products MAX8563 Datasheet HTML 2Page - Maxim Integrated Products MAX8563 Datasheet HTML 3Page - Maxim Integrated Products MAX8563 Datasheet HTML 4Page - Maxim Integrated Products MAX8563 Datasheet HTML 5Page - Maxim Integrated Products MAX8563 Datasheet HTML 6Page - Maxim Integrated Products MAX8563 Datasheet HTML 7Page - Maxim Integrated Products MAX8563 Datasheet HTML 8Page - Maxim Integrated Products MAX8563 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
_______________________________________________________________________________________
5
VDD
VDD
VL
0.5V
POK
COMPARATOR
GM
LDO
CONTROLLER 1
LDO
CONTROLLER 2
LDO
CONTROLLER 3
0.5V
REF
VL
UVLO
VDD
EN1
POK1
GND
EN2
POK2
EN3
POK3
FB3
DRV3
DRV2
FB1
FB2
DRV1
MAX8563
MAX8564
MAX8564A
Functional Diagram
Pin Description
NAME
PIN
MAX8563
MAX8564/
MAX8564A
FUNCTION
1
DRV1
DRV1
Output n-MOSFET Drive. Drives the gate of an external n-channel MOSFET to regulate output 1.
DRV1 is internally pulled to ground when EN1 is logic low. Connect an external series RC circuit
for compensation. See the Stability Compensation section.
2FB1
FB1
Feedback Input for Output 1. Connect to the center of a resistor-divider between output 1 and GND to
set the output voltage of output 1. The feedback regulation voltage is 0.500V. See the Output Voltage
Setting section.
3
EN1
EN1
Enable Control for Output 1. Drive logic high to enable output 1, or logic low to disable the
output. Connect to VDD for always-on operation.
4
POK1
POK1
Output 1 Power-Good Signal. Open-drain output pulls low when output 1 is 12% below the
nominal regulated voltage.
5
GND
GND
Ground
—
POK2
Output 2 Power-Good Signal. Open-drain output pulls low when output 2 is 12% below the
nominal regulated voltage.
6
N.C.
—
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com