Electronic Components Datasheet Search
  English  ▼

X  

MAX8563 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8563
Description  1%, Ultra-Low Output Voltage, Dual and Triple Linear n-FET Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8563 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8563 Datasheet HTML 2Page - Maxim Integrated Products MAX8563 Datasheet HTML 3Page - Maxim Integrated Products MAX8563 Datasheet HTML 4Page - Maxim Integrated Products MAX8563 Datasheet HTML 5Page - Maxim Integrated Products MAX8563 Datasheet HTML 6Page - Maxim Integrated Products MAX8563 Datasheet HTML 7Page - Maxim Integrated Products MAX8563 Datasheet HTML 8Page - Maxim Integrated Products MAX8563 Datasheet HTML 9Page - Maxim Integrated Products MAX8563 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
±1%, Ultra-Low Output Voltage, Dual and Triple
Linear n-FET Controllers
6
_______________________________________________________________________________________
Pin Description (continued)
NAME
PIN
MAX8563
MAX8564/
MAX8564A
FUNCTION
—
EN2
Enable Control for Output 2. Drive logic high to enable output 2, or logic low to disable the
output. Connect to VDD for always-on operation.
7
DRV3
—
Output 3 n-MOSFET Drive. Drives the gate of an external n-channel MOSFET to regulate output 3.
DRV3 is internally pulled to ground when EN3 is logic low. Connect an external series RC circuit
for compensation. See the Stability Compensation section.
—
FB2
Feedback Input for Output 2. Connect to the center of a resistor-divider between output 2 and
GND to set the output voltage of output 2. The feedback regulation voltage is 0.500V. See the
Output Voltage Setting section.
8
FB3
—
Feedback Input for Output 3. Connect to the center of a resistor-divider between output 3 and
GND to set the output voltage of output 3. The feedback regulation voltage is 0.500V. See the
Output Voltage Setting section.
—
DRV2
Output 2 n-MOSFET Drive. Drives the gate of the external n-channel MOSFET to regulate output 2.
DRV2 is internally pulled to ground when EN2 is logic low. Connect an external series RC circuit
for compensation. See the Stability Compensation section.
9
EN3
—
Enable Control for Output 3. Drive logic high to enable output 3, or logic low to disable the
output. Connect to VDD for always-on operation.
—VDD
+5V or +12V Supply Input. Connect to external +5V or +12V supply rail. Bypass with a 0.1µF
ceramic or larger capacitor.
10
POK3
—
Output 3 Power-Good Signal. Open-drain output pulls low when output 3 is 12% below the
nominal regulated voltage.
11
N.C.
—
No Internal Connection
12
POK2
—
Output 2 Power-Good Signal. Open-drain output pulls low when output 2 is 12% below the
nominal regulated voltage.
13
EN2
—
Enable Control for Output 2. Drive logic high to enable output 2, or logic low to disable the
output. Connect to a VDD for always-on operation.
14
FB2
—
Feedback Input for Output 2. Connect to the center of a resistor-divider between output 2 and
GND to set the output voltage of output 2. The feedback regulation voltage is 0.500V. See the
Output Voltage Setting section.
15
DRV2
—
Output 2 n-MOSFET Drive. Drives the gate of the external n-channel MOSFET to regulate output 2.
DRV2 is internally pulled to ground when EN2 is logic low. Connect an external series RC circuit
for compensation. See the Stability Compensation section.
16
VDD
—
+5V or +12V Supply Input. Connect to an external +5V or +12V supply rail. Bypass with a 0.1µF
ceramic or larger capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com