Electronic Components Datasheet Search
  English  ▼

X  

MAX9686 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9686
Description  Single/Dual, Very Fast TTL Output Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9686 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9686 Datasheet HTML 1Page - Maxim Integrated Products MAX9686 Datasheet HTML 2Page - Maxim Integrated Products MAX9686 Datasheet HTML 3Page - Maxim Integrated Products MAX9686 Datasheet HTML 4Page - Maxim Integrated Products MAX9686 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Single/Dual, Very Fast TTL Output Comparators
2
_______________________________________________________________________________________
Supply Voltages.....................................................................±6V
Power Dissipation (Notes 1, 2).........................................336mW
Input Voltages........................................................................±5V
Differential Input Voltages ........................................................5V
Output Current ....................................................................20mA
Operating Temperature Ranges:
Commercial (MAX9686C/MAX9698M) ................0°C to +70°C
Military (MAX9686M/MAX9698M) ...................-55°C to +125°C
Storage Temperature Range .............................-55°C to +150°C
Lead Temperature (soldering, 10s)....................................300°C
Note 1: Power derating above TA = +70°C is based on a maxi-
mum junction temperature of +150°C and the follow-
ing thermal resistance factors.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VS = ±5V, TA = +25°C, unless otherwise noted.)
Note 2: Continuous short-circuit protection is allowed to the
following case and ambient temperatures: for
MAX9698, continuous short circuit is allowed on one
comparator at a time up to case temperature of +85°C
and ambient temperatures of +30°C.
PACKAGE
θJC (°C/W)
θJA (°C/W)
DIP
75
180
SO
115
180
TO-99
115
150
PACKAGE
TC (°C)
TA (°C)
DIP
110
70
SO
95
70
TO-99
95
30
MAX9686C/9698C
MAX9686M/9698M
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
RS = 100
Ω
-3
+3
-3
+3
mV
Temperature Coefficient
∆VOS/∆T
4
4
µV/°C
Input Offset Current
IOS
5.0
5.0
µA
Input Bias Current
IB
25
25
µA
Common-Mode Rejection Ratio
CMRR
80
96
80
96
dB
Power-Supply Rejection Ratio
PSRR
70
85
70
85
dB
Input Voltage Range
-3.0
+3.0
-3.0
+3.0
V
Latch High Input Voltage
2.0
2.0
V
Latch Low Input Voltage
0.8
0.8
V
Latch Low Input Current
-750
-750
µA
I/O Logic Levels (Output High
Voltage)
VOH
IOUT = -3mA
2.4
3.0
2.4
3.0
V
I/O Logic Levels (Output Low
Voltage)
VOL
IOUT = 8mA
0.5
0.5
V
MAX9686
16
25
16
25
Positive Supply Current
ICC
MAX9698
32
50
32
50
mA
MAX9686
13
20
13
20
Negative Supply Current
IEE
MAX9698
26
40
26
40
mA
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com