Electronic Components Datasheet Search
  English  ▼

X  

MAX9686 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9686
Description  Single/Dual, Very Fast TTL Output Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9686 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9686 Datasheet HTML 1Page - Maxim Integrated Products MAX9686 Datasheet HTML 2Page - Maxim Integrated Products MAX9686 Datasheet HTML 3Page - Maxim Integrated Products MAX9686 Datasheet HTML 4Page - Maxim Integrated Products MAX9686 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LATCH
VIN
LATCH
ENABLE
Q
DIFFERENTIAL
INPUT
VOLTAGE
COMPARE
50%
VOS
VOD
50%
50%
tpw(E)
tpd(E)
tpd
ts
th
Q
Single/Dual, Very Fast TTL Output Comparators
_______________________________________________________________________________________
3
MAX9686 and MAX9698 Timing Diagram (worst case)
Applications Information
Layout
Because of the large gain-bandwidth characteristic of
the MAX9686 and MAX9698, special precautions need
to be taken if the high-speed capabilities of the devices
are to be realized. A PC board with ground plane
should be considered mandatory. All decoupling
capacitors should be mounted as close as possible to
the power-supply pins. For low-impedance applica-
tions, microstrip layout at the input may be helpful.
Close attention should be paid to the bandwidth of the
decoupling and terminating components. Chip compo-
nents to minimize lead inductance can be used as an
advantage. An unused latch enable pin must be con-
nected to ground.
Input Slew-Rate Requirements
As with all high-speed comparators, the high gain-
bandwidth product of these devices creates oscillation
problems when the input traverses through the linear
region. For clean switching without oscillation or steps
in the output waveform, the input must meet certain
minimum slew-rate requirements. The tendency of the
part to oscillate is a function of the layout and the
source impedance of the circuit employed. Both poor
layout and larger source impedance will increase the
minimum slew-rate requirement.
ELECTRICAL CHARACTERISTICS (continued)
(VS = ±5V, TA = +25°C, unless otherwise noted.)
MAX9686C/9698C
MAX9686M/9698M
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SWITCHING CHARACTERISTICS (EACH COMPARATOR FOR MAX9698)
Propagation Delays (Guaranteed
Over Full Temperature Range)
Input to Output High
tpd+
100mV pulse; 10mV
overdrive
6.0
9.0
6.0
9.0
ns
Input to Output Low
tpd-
100mV pulse; 10mV
overdrive
5.7
8.5
5.7
8.5
ns
Propagation Delay Skew
tpd+ - tpd-
0.3
0.3
ns
Latch Setup
tS
22
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com