Electronic Components Datasheet Search
  English  ▼

X  

MAX9686 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9686
Description  Single/Dual, Very Fast TTL Output Comparators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9686 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9686 Datasheet HTML 1Page - Maxim Integrated Products MAX9686 Datasheet HTML 2Page - Maxim Integrated Products MAX9686 Datasheet HTML 3Page - Maxim Integrated Products MAX9686 Datasheet HTML 4Page - Maxim Integrated Products MAX9686 Datasheet HTML 5Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
4 _____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2006 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products, Inc.
Single/Dual, Very Fast TTL Output Comparators
Definition of Terms
VOS
Input Offset Voltage—The voltage required
between the input terminals to obtain 0V dif
ferential at the output.
VIN
Input Voltage Pulse Amplitude
VOD
Input Voltage Overdrive
tpd+
Input to Output High Delay—The propagation
delay measured from the time the input sig
nal crosses the input offset voltage to the
50% point of an output LOW to HIGH transition.
tpd-
Input to Output Low Delay—The propagation
delay measured from the time the input sig
nal crosses the input offset voltage to the
50% point of an output HIGH to LOW transition.
tpd+(E)
Latch Enable to Output High Delay—The
propagation delay measured from the 50%
point of the Latch-Enable signal HIGH
LOtransition to the 50% point of an output
LOW to HIGH transition.
tpd-(E)
Latch Enable to Output Low Delay—The prop
agation delay measured from the 50%
point of the Latch-Enable signal HIGH to
LOW transition to the 50% point of an output
HIGH to LOW transition.
tpw(E)
Minimum Latch Enable Pulse Width—The
minimum time the Latch-Enable signal must
be LOW to acquire and hold an input signal.
ts
Minimum Setup Time—The minimum time,
before the positive transition of the Latch-
Enable pulse, that an input signal must be
present to be acquired and
held at the outputs.
tn
Minimum Hold Time—The minimum time,
after the positive transition of the Latch-
Enable signal, than an input signal must
remain unchanged to be acquired and held
at the output.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com