Electronic Components Datasheet Search
  English  ▼

X  

STB270N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB270N4F3
Description  N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STB270N4F3 Datasheet HTML 1Page - STMicroelectronics STB270N4F3 Datasheet HTML 2Page - STMicroelectronics STB270N4F3 Datasheet HTML 3Page - STMicroelectronics STB270N4F3 Datasheet HTML 4Page - STMicroelectronics STB270N4F3 Datasheet HTML 5Page - STMicroelectronics STB270N4F3 Datasheet HTML 6Page - STMicroelectronics STB270N4F3 Datasheet HTML 7Page - STMicroelectronics STB270N4F3 Datasheet HTML 8Page - STMicroelectronics STB270N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
July 2009
Doc ID 13208 Rev 4
1/14
14
STB270N4F3
STI270N4F3
N-channel 40 V, 1.6 m
Ω, 160 A, D2PAK, I2PAK
STripFET™ III Power MOSFET
■ 100% avalanche tested
■ Standard threshold drive
Applications
■ High current, switching application
– Automotive
Description
This STripFET™ III Power MOSFET technology
is among the latest improvements, which have
been especially tailored to minimize on-state
resistance providing superior switching
performances.
Figure 1.
Internal schematic diagram
Features
Type
VDSS
RDS(on)
max
ID
PTOT
STB270N4F3
40 V
< 2.0 m
Ω 160 A 330 W
STI270N4F3
40 V
< 2.6 m
Ω 120 A 330 W
1
2
3
1
3
D²PAK
I²PAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB270N4F3
270N4F3
D²PAK
Tape and reel
STI270N4F3
270N4F3
I²PAK
Tube
www.st.com


Similar Part No. - STB270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
450Kb / 15P
N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET
07-Feb-2007
STB270N4F3 STMICROELECTRONICS-STB270N4F3 Datasheet
380Kb / 15P
N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
02-Apr-2008
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
02-Apr-2008
More results

Similar Description - STB270N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06 Datasheet
295Kb / 9P
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET™ POWER MOSFET
Feb-2003
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
01-Jul-2008
STB270N4F3 STMICROELECTRONICS-STB270N4F3_08 Datasheet
380Kb / 15P
N-channel 40 V - 2.1 mΩ - 160 A - TO-220 - D2PAK - I2PAK STripFET??Power MOSFET
02-Apr-2008
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STP76NF75 STMICROELECTRONICS-STP76NF75 Datasheet
771Kb / 15P
N-channel 75 V, 0.0095, 80 A TO-220, D2PAK, I2PAK STripFET II Power MOSFET
14-Dec-2009
STK184N4F7AG STMICROELECTRONICS-STK184N4F7AG Datasheet
447Kb / 13P
Automotive-grade N-channel 40 V, 1.6 mΩ typ., 100 A, STripFET™ F7 Power MOSFET in an LFPAK 5x6 package
10-Jan-2019
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STH200N55F3-2 STMICROELECTRONICS-STH200N55F3-2 Datasheet
483Kb / 11P
N-channel 55 V, 1.8 mΩ, 160 A, H2PAK STripFET™ III Power MOSFET
30-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com