Electronic Components Datasheet Search
  English  ▼

X  

STB270N4F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB270N4F3
Description  N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB270N4F3 Datasheet(HTML) 3 Page - STMicroelectronics

  STB270N4F3 Datasheet HTML 1Page - STMicroelectronics STB270N4F3 Datasheet HTML 2Page - STMicroelectronics STB270N4F3 Datasheet HTML 3Page - STMicroelectronics STB270N4F3 Datasheet HTML 4Page - STMicroelectronics STB270N4F3 Datasheet HTML 5Page - STMicroelectronics STB270N4F3 Datasheet HTML 6Page - STMicroelectronics STB270N4F3 Datasheet HTML 7Page - STMicroelectronics STB270N4F3 Datasheet HTML 8Page - STMicroelectronics STB270N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STB270N4F3, STI270N4F3
Electrical ratings
Doc ID 13208 Rev 4
3/14
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
I²PAK
D²PAK
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
120
160
A
ID
(1)
Drain current (continuous) at TC=100 °C
120
160
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
480
640
A
PTOT
Total dissipation at TC = 25 °C
330
W
Derating factor
2.2
W/°C
dv/dt(3)
3.
ISD ≤ 120 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Peak diode recovery voltage slope
3.5
V/n
EAS
(4)
4.
Starting Tj=25 °C, ID =80 A, VDD= 32 V
Single pulse avalanche energy
1
J
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
I²PAK
D²PAK
Rthj-case
Thermal resistance junction-case max
0.45
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu.
Thermal resistance junction-pcb max
35
°C/W
Rthj-a
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose (for 10 sec, 1.6 mm from case)
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com