Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2174
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
5
M9999-091310-C
Electrical Characteristics
(4)
VBST − VLX = 5V; TA = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Soft-Start
Soft-Start Period
6
ms
Oscillator
MIC2174
0.225
0.3
0.375
Switching Frequency
MIC2174C
0.202
0.27
0.338
MHz
Measured at DH
(7)
87
Maximum Duty Cycle
MIC2174C
87
%
Minimum Duty Cycle
Measured at DH, VFB = 1V
0
%
FET Drives
DH, DL Output Low Voltage
ISINK = 10mA
0.1
V
DH, DL Output High Voltage
ISOURCE = 10mA
VIN-0.1V
or
VBST-0.1V
V
DH On-Resistance, High State
2.1
3.3
Ω
DH On-Resistance, Low State
1.8
3.3
Ω
DL On-Resistance, High State
1.8
3.3
Ω
DL On-Resistance, Low State
1.2
2.3
Ω
LX Leakage Current
VLX = 40V, VIN = 5.5V,VBST = 45.5V
55
µA
HSD Leakage Current
VLX = 40V, VIN = 5.5V,VBST = 45.5V
21
µA
Thermal Protection
Over-Temperature Shutdown
155
°C
Over-Temperature Shutdown
Hysteresis
10
°C
Shutdown Control
EN Logic Level Low
3V < VIN <5.5V
0.4
0.8
V
EN Logic Level High
3V < VIN <5.5V
0.9
1.2
V
EN Pull-Up Current
50
µA
Note:
7.
The maximum duty cycle is limited by the fixed mandatory off time TOFF of typical 363ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com