Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC2174
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC2174 Datasheet HTML 12Page - Micrel Semiconductor MIC2174 Datasheet HTML 13Page - Micrel Semiconductor MIC2174 Datasheet HTML 14Page - Micrel Semiconductor MIC2174 Datasheet HTML 15Page - Micrel Semiconductor MIC2174 Datasheet HTML 16Page - Micrel Semiconductor MIC2174 Datasheet HTML 17Page - Micrel Semiconductor MIC2174 Datasheet HTML 18Page - Micrel Semiconductor MIC2174 Datasheet HTML 19Page - Micrel Semiconductor MIC2174 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Micrel, Inc.
MIC2174/MIC2174C
September 2010
16
M9999-091310-C
where:
TH = temperature of wire under full load
T20°C = ambient temperature
RWINDING(20°C) = room temperature winding resistance
(usually specified by the manufacturer)
Output Capacitor Selection
The type of the output capacitor is usually determined by
its ESR (equivalent series resistance). Voltage and RMS
current capability are two other important factors for
selecting the output capacitor. Recommended capacitors
are tantalum, low-ESR aluminum electrolytic, OS-CON
and POSCAPS. The output capacitor’s ESR is usually
the main cause of the output ripple. The output capacitor
ESR also affects the control loop from a stability point of
view. The maximum value of ESR is calculated:
L(PP)
OUT(pp)
C
ΔI
ΔV
ESR
OUT
≤
(19)
where:
ΔVOUT(pp) = peak-to-peak output voltage ripple
ΔIL(PP) = peak-to-peak inductor current ripple
The total output ripple is a combination of the ESR and
output capacitance. The total ripple is calculated below:
()2
C
L(PP)
2
SW
OUT
L(PP)
OUT(pp)
OUT
ESR
ΔI
8
f
C
ΔI
ΔV
×
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
=
(20)
where:
D = duty cycle
COUT = output capacitance value
fSW = switching frequency
As described in the “Theory of Operation” subsection in
Functional Description
, the MIC2174/MIC2174C requires
at least 20mV peak-to-peak ripple at the FB pin to make
the gm amplifier and the error comparator to behavior
properly. Also, the output voltage ripple should be in
phase with the inductor current. Therefore, the output
voltage ripple caused by the output capacitor COUT
should be much smaller than the ripple caused by the
output capacitor ESR. If low-ESR capacitors, such as
ceramic capacitors, are selected as the output
capacitors, a ripple injection method should be applied to
provide the enough FB voltage ripple. Please refer to the
“Ripple Injection” subsection for more details.
The voltage rating of the capacitor should be twice the
output voltage for a tantalum and 20% greater for
aluminum electrolytic or OS-CON. The output capacitor
RMS current is calculated below:
12
ΔI
I
L(PP)
(RMS)
COUT
=
(21)
The power dissipated in the output capacitor is:
OUT
OUT
OUT
C
2
(RMS)
C
)
DISS(C
ESR
I
P
×
=
(22)
Input Capacitor Selection
The input capacitor for the power stage input VHSD
should be selected for ripple current rating and voltage
rating. Tantalum input capacitors may fail when
subjected to high inrush currents, caused by turning the
input supply on. A tantalum input capacitor’s voltage
rating should be at least two times the maximum input
voltage to maximize reliability. Aluminum electrolytic,
OS-CON, and multilayer polymer film capacitors can
handle the higher inrush currents without voltage de-
rating. The input voltage ripple will primarily depend on
the input capacitor’s ESR. The peak input current is
equal to the peak inductor current, so:
ΔVIN = IL(pk) × ESRCIN
(23)
The input capacitor must be rated for the input current
ripple. The RMS value of input capacitor current is
determined at the maximum output current. Assuming
the peak-to-peak inductor current ripple is low:
D)
(1
D
I
I
OUT(max)
CIN(RMS)
−
×
×
≈
(24)
The power dissipated in the input capacitor is:
PDISS(CIN) = ICIN(RMS)
2 × ESRCIN
(25)
External Schottky Diode (Optional)
An external freewheeling diode, which is not necessary,
is used to keep the inductor current flow continuous
while both MOSFETs are turned off. This dead-time
prevents current from flowing unimpeded through both
MOSFETs and is typically 30ns. The diode conducts
twice during each switching cycle. Although the average
current through this diode is small, the diode must be
able to handle the peak current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com