Electronic Components Datasheet Search
  English  ▼

X  

MIC2174 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2174
Description  Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2174 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2174 Datasheet HTML 1Page - Micrel Semiconductor MIC2174 Datasheet HTML 2Page - Micrel Semiconductor MIC2174 Datasheet HTML 3Page - Micrel Semiconductor MIC2174 Datasheet HTML 4Page - Micrel Semiconductor MIC2174 Datasheet HTML 5Page - Micrel Semiconductor MIC2174 Datasheet HTML 6Page - Micrel Semiconductor MIC2174 Datasheet HTML 7Page - Micrel Semiconductor MIC2174 Datasheet HTML 8Page - Micrel Semiconductor MIC2174 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MIC2174/MIC2174C
Synchronous Buck Controller
Featuring Adaptive On-Time Control
40V Input, 300kHz
Hyper Speed Control™ Family
Hyper Speed Control and Any Capacitor are trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The Micrel MIC2174/MIC2174C is a fixed-frequency,
synchronous buck controller featuring adaptive on-time
control. The MIC2174/MIC2174C operates over an input
supply range of 3V to 40V at a fixed switching frequency of
300kHz and is capable of driving 25A of output current.
The output voltage is adjustable down to 0.8V.
A unique Hyper Speed Control™ architecture allows for
ultra-fast transient response while reducing the output
capacitance. It also makes ultra-fast transient response
while reducing the output capacitance and also allows for
extremely low duty-cycle operation. The MIC2174 /
MIC2174C utilizes an adaptive TON ripple controlled
architecture. A UVLO is provided to ensure proper
operation under power-sag conditions to prevent the
external power MOSFET from overheating. A soft-start is
provided to reduce inrush current. Foldback current limit
and “hiccup” mode short-circuit protection ensure FET and
load protection.
The MIC2174/MIC2174C is available in a 10-pin MSOP
(MAX1954A-compatible) package with an operating
junction temperature range from –40
°C to +125°C.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
•
Hyper Speed Control™ architecture enables:
– High delta V operation (VHSD = 40V and VOUT = 0.8V)
– Smaller output capacitors than competitors
•
3V to 40V input voltage
•
Any Capacitor
TM stable
-
Zero ESR to high ESR
•
300kHz switching frequency
•
Adjustable output from 0.8V to 5.5V (VHSD ≤ 28V)
•
Adjustable output from 0.8V to 3.6V (VHSD > 28V)
•
±1% FB accuracy (MIC2174)
•
±3% FB accuracy (MIC2174C)
•
Up to 94% efficiency
•
Foldback current limit and “hiccup” mode short-circuit
protection
•
Thermal shutdown
•
Safe start-up into pre-biased loads
•
–40
°C to +125°C junction temperature range
Applications
•
Telecom Networking
•
Industrial Equipment
•
Distributed DC power systems
____________________________________________________________________________________________________________
Typical Application
Synchronous Buck Controller Featuring Adaptive On-Time Control
12V to 3.3V Efficiency
50
55
60
65
70
75
80
85
90
95
100
02
46
8
OUTPUT CURRENT (A)
10
VIN=5V
September 2010
M9999-091310-C


Similar Part No. - MIC2174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
MIC2174-1YMM MICREL-MIC2174-1YMM Datasheet
544Kb / 24P
300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
More results

Similar Description - MIC2174

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2164 MICREL-MIC2164 Datasheet
918Kb / 36P
Constant Frequency, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2164 MICREL-MIC2164_10 Datasheet
1Mb / 39P
Synchronous Buck Controllers Featuring Adaptive On-Time Control 28V Input, Constant Frequency
MIC2176-1 MICREL-MIC2176-1 Datasheet
1Mb / 31P
Wide Input Voltage, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2125 MICROCHIP-MIC2125 Datasheet
1Mb / 34P
28V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
07/14/15
logo
Micrel Semiconductor
MIC2103 MICREL-MIC2103_13 Datasheet
1Mb / 38P
75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
logo
Microchip Technology
MIC2103 MICROCHIP-MIC2103 Datasheet
1Mb / 42P
75V Synchronous Buck Controllers Featuring Adaptive ON-Time Control
10/25/17
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com