Electronic Components Datasheet Search
  English  ▼

X  

AMT203 Datasheet(PDF) 3 Page - CUI INC

Part # AMT203
Description  12 BIT AB SOLUTE ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203 Datasheet(HTML) 3 Page - CUI INC

  AMT203_10 Datasheet HTML 1Page - CUI INC AMT203_10 Datasheet HTML 2Page - CUI INC AMT203_10 Datasheet HTML 3Page - CUI INC AMT203_10 Datasheet HTML 4Page - CUI INC AMT203_10 Datasheet HTML 5Page - CUI INC AMT203_10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
date
page
10/2010
3 of 6
Demo Board Cable
(Cable available without Demo Board Connector)
Encoder Side
Demo Board Side
10 conductor
1.27 mm pitch
28 AWG
(304.8)
1'
0.25"
Samtec
ISDF-07-D
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
PINOUT CONNECTOR 1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
FUNCTION
SPI
X
A
B
5 V+
GND
T_Bit
CSB
MISO
SCK
MOSI
N/A
N/A
N/A
N/A
#
B
9
14
8
SCALE 4 : 1
13
2
12
5
10
7
4
3
11
6
DETAIL B
1
ENCODER INTERFACE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com