Electronic Components Datasheet Search
  English  ▼

X  

AMT203 Datasheet(PDF) 1 Page - CUI INC

Part # AMT203
Description  12 BIT AB SOLUTE ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203 Datasheet(HTML) 1 Page - CUI INC

  AMT203_10 Datasheet HTML 1Page - CUI INC AMT203_10 Datasheet HTML 2Page - CUI INC AMT203_10 Datasheet HTML 3Page - CUI INC AMT203_10 Datasheet HTML 4Page - CUI INC AMT203_10 Datasheet HTML 5Page - CUI INC AMT203_10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date
page
10/2010
1 of 6
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
ELECTRONIC SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
power supply
4.5
5
5.5
V
current consumption
810
mA
output resolution
4,096
incr.
quadrature resolution
96, 192, 200, 250, 384, 400, 500, 512, 768, 800,
1000, 1024
incremental output signals
Quadrature A, B signals and Index Z
incremental output waveform
square wave
incremental outputs
output voltage - sourcing to +5 V @ -32 mA
output voltage - sinking to ground @ -32 mA
3.8
0.55
V
V
SPI output
natural binary
SPI bus
PIC 16F690 (see datasheet)
SPI resolution
12
bit
accuracy
2
incr.
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
SPI speed
8,000
RPM
mounting options
A) 2 each M1.6 on 16 mm (0.63”) bolt circle
B) 2 each #4 on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 on 20.9 mm (0.823”) bolt
circle with washers in option B holes
E) 3 each M1.6 or M2 on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 on 25.4 mm (1”) bolt circle
THE AMT203 is a high performance
absolute encoder based on capacitive
sensing technology. The AMT203
utilizes a custom ASIC to create
absolute position over a single
turn. This encoder is12 bit and
communicates via an SPI serial bus
for working as a slave to an external
microprocessor. Incremental A,B
and Index signals are provided for
higher speed operation. Incremental
A,B signals with a single index pulse
per 360 deg are provided for higher
speed operation.
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-40
125
°C
humidity
85
%RH
vibration
1.5mm, 3 directions, 2 hours
10
55
Hz
FEATURES
- 12 bit (4096 positions)
- SPI communication
- Small Size 37mm
- Incremental Line count up to 1024
- Single pulse index
- Capacitive ASIC technology
- Modular locking hub design
for ease of installation
- SPI adjustable settings
- ‘One Touch’ zero position


Similar Part No. - AMT203_10

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
12 BIT ABSOLUTE ENCODER
More results

Similar Description - AMT203_10

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT203 CUI-AMT203 Datasheet
241Kb / 8P
12 BIT ABSOLUTE ENCODER
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
12 BIT HALL ENCODER
logo
CUI INC
AMT203_1012 CUI-AMT203_1012 Datasheet
375Kb / 6P
12 BIT ABSOLUTE ENCODER
logo
IC-Haus GmbH
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
12 BIT ANGULAR HALL ENCODER
logo
ams AG
AS5601 AMSCO-AS5601 Datasheet
629Kb / 43P
12-bit Programmable Contactless Encoder
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
12-BIT ANGULAR HALL ENCODER
logo
ams AG
AS5601 AMSCO-AS5601_V01 Datasheet
964Kb / 44P
12-Bit Programmable Contactless Encoder
2016-Sep-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com