Electronic Components Datasheet Search
  English  ▼

X  

AMT203 Datasheet(PDF) 4 Page - CUI INC

Part # AMT203
Description  12 BIT AB SOLUTE ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT203 Datasheet(HTML) 4 Page - CUI INC

  AMT203_10 Datasheet HTML 1Page - CUI INC AMT203_10 Datasheet HTML 2Page - CUI INC AMT203_10 Datasheet HTML 3Page - CUI INC AMT203_10 Datasheet HTML 4Page - CUI INC AMT203_10 Datasheet HTML 5Page - CUI INC AMT203_10 Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
date
page
10/2010
4 of 6
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
PART NUMBER:
DESCRIPTION:
AMT203
12 BIT ABSOLUTE ENCODER
AMT203 ABS
US Patent No. 6892590
SCALE 5:1
18.60mm
R1.20mm
0.55
R2.10 0.083
25.48 1.003
1.70 0.067
(2 PLCS)
16.00 0.630
0.116
(2 PLCS)
2.00 0.079
(4 PLCS)
22.00 0.866
21.45 0.844
20.90 0.823
19.05 0.750
2.95
12.60 0.496
15.33 0.604
A (3 PLCS)
10.93 0.430
37.39 1.472
10.34 0.407
15.30 0.602
R
0.610
15.49
28.58 1.125
SPECIFIED
±0.05mm UNLESS OTHERWISE
TOLERANCE:
RoHS
DETAIL A
SCALE 4 : 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com