Electronic Components Datasheet Search
  English  ▼

X  

AMT303 Datasheet(PDF) 3 Page - CUI INC

Part # AMT303
Description  COMMUTATION ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303 Datasheet(HTML) 3 Page - CUI INC

  AMT303 Datasheet HTML 1Page - CUI INC AMT303 Datasheet HTML 2Page - CUI INC AMT303 Datasheet HTML 3Page - CUI INC AMT303 Datasheet HTML 4Page - CUI INC AMT303 Datasheet HTML 5Page - CUI INC AMT303 Datasheet HTML 6Page - CUI INC AMT303 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
3 of 7
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER
Demo Board Cable
(Cable available without Demo Board Connector)
Encoder Side
Demo Board Side
10 conductor
1.27 mm pitch
28 AWG
1'
0.25"
Samtec
ISDF-07-D
PINOUT CONNECTOR 1
14
13
12
11
10
9
8
7
6
5
4
3
2
1
FUNCTION
AMT303LD
AMT303
X
A
B
5 V+
GND
GND_C
zero set
U
W
V
-B
-A
-X
N/A
X
A
B
5 V+
GND
GND_C
zero set
U
W
V
N/A
N/A
N/A
N/A
#
B
9
14
8
SCALE 4 : 1
13
2
12
5
10
7
4
3
11
6
DETAIL B
1
ENCODER INTERFACE
305



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com