Electronic Components Datasheet Search
  English  ▼

X  

AMT303 Datasheet(PDF) 7 Page - CUI INC

Part # AMT303
Description  COMMUTATION ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303 Datasheet(HTML) 7 Page - CUI INC

  AMT303 Datasheet HTML 1Page - CUI INC AMT303 Datasheet HTML 2Page - CUI INC AMT303 Datasheet HTML 3Page - CUI INC AMT303 Datasheet HTML 4Page - CUI INC AMT303 Datasheet HTML 5Page - CUI INC AMT303 Datasheet HTML 6Page - CUI INC AMT303 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
7 of 7
Command 0x70: set_zero_point
This command sets the current position to zero or adjusts to the offset stored in comm_pos in the EEPROM and
saves this setting in the EEPROM. The host should send nop_a5 repeatedly after sending this command, the
response will be 0xa5 while update is proceeding and eeprom_wr is the response when update is finished. 0xF9 is
the location for the Low Byte of comm_pos and 0xF8 is the location for the High Byte of comm_pos.
Comand 0x80,<byte_address>,<data>: eeprom_wr
This command causes the data to be written to the address given in <byte_address>. The address can be 0x00 to
0x7f for 128 bytes of data.
Comand 0x90,<byte_address>,0x01: eeprom_rd
This command causes the data in eeprom at the given address to be read and put in the output fifo.
The sequence is as follows:
1) issue read command, receive idle character
2) issue NOP, receive idle character or 0x90 (echo of read command)
3) repeat step 2 if it is an idle character
4) issue NOP and receive
Commutation Alignment and setting the Zero point
To align the commutation angle with the encoder there are two steps:
1) Configure the encoder alignment angle using the Demo Board. The alignment angle is the angle relative to
U,V,W poles which is used for setting the encoder on the armature. The alignment angle is set at the same time
as several other parameters, and the encoder must be power cycled after configuration.
2) With the encoder mounted, position the rotor to the alignment angle and use the “zero” command on the demo
board to write the rotor position in non-volatile memory in the encoder. The encoder must be power cycled after
this operation, and it will use this offset at initialization every time at startup.
Note: the demo board allows setting the alignment angle between -180 and 180 degrees in increments of
5 degrees. 0 (zero) degrees corresponds to the rising edge of the U signal. The direction of rotation can also
be set.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com