Electronic Components Datasheet Search
  English  ▼

X  

AMT303 Datasheet(PDF) 1 Page - CUI INC

Part # AMT303
Description  COMMUTATION ENCODER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303 Datasheet(HTML) 1 Page - CUI INC

  AMT303 Datasheet HTML 1Page - CUI INC AMT303 Datasheet HTML 2Page - CUI INC AMT303 Datasheet HTML 3Page - CUI INC AMT303 Datasheet HTML 4Page - CUI INC AMT303 Datasheet HTML 5Page - CUI INC AMT303 Datasheet HTML 6Page - CUI INC AMT303 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
1 of 7
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
power supply
4.5
5
5.5
V
current consumption
810
mA
commutation output signals
U, V, W phase
commutation pole
2, 4, 6, 8, 10, 12, 20 (software programmable)
incremental output signals
A, B, Z phase (A, B, Z available on AMT303LD)
incremental output waveform
square wave
incremental output resolutions
96, 192, 200, 250, 400, 500, 512, 1024
96
512
1,024
ppr
Index
one pulse per 360 deg
incremental output current
output voltage - sourcing to +5 V @ -32 mA
output voltage - sinking to ground @ -32 mA
3.8
0.55
V
V
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
output range
360
deg
mounting hole options
A) 2 each M1.6 on 16 mm (0.63”) bolt circle
B) 2 each #4 on 19.05 mm (0.75”) bolt circle
C) 2 each M1.6 or M2 on 20 mm (0.787”) bolt circle
D) 3 each M1.6 or M2 on 20.9 mm (0.823”) bolt
circle with washers in option B holes
E) 3 each M1.6 or M2 on 22 mm (0.866”) bolt circle
F) 4 each M1.6 or M2 on 25.4 mm (1”) bolt circle
FEATURES
- U,V,W Commutation lines
- Small Size 37mm
- Line count up to 1024
- Optional Line Driver output
- Single pulse index
- Capacitive ASIC technology
- Modular locking hub design for
ease of installation
- 2,4,6,8,10,12, or 20 pole motors
- SPI adjustable settings
- ‘One Touch’ commutation signal
alignment
The AMT 303 is a commutation
encoder with additional incremental
channels A, B, and Z. The encoder
output utilizes standard U,V,W
commutation signals with additional
quadrature A,B and Index signals
provided for speed control or
positioning operations. A SPI serial
bus allows for commutation settings
to be easily adjusted via a demo
board, or preconfigured and stored
for large production assembly for
various motor configurations.
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
nom
max
units
operating temperature
-40
125
°C
humidity
85
%RH
vibration
1.5mm, 3 directions, 2 hours
10
55
Hz


Similar Part No. - AMT303

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
MODULAR ENCODER
More results

Similar Description - AMT303

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
Triacs high commutation
October 1997 Rev 1.200
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340 AVAGO-AEDB-9340 Datasheet
115Kb / 15P
1250/2500 CPR Commutation Encoder Modules with Codewheel
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
1250/2500 CPR Commutation Encoder Modules with Codewheel
logo
CUI INC
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
MODULAR COMMUTATION ENCODER
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
09/10/2021
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
MODULAR COMMUTATION ENCODER
08/05/2022
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
MODULAR COMMUTATION ENCODER
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com