Electronic Components Datasheet Search
  English  ▼

X  

L9951XP Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9951XP
Description  Rear door actuator driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9951XP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9951XP Datasheet HTML 3Page - STMicroelectronics L9951XP Datasheet HTML 4Page - STMicroelectronics L9951XP Datasheet HTML 5Page - STMicroelectronics L9951XP Datasheet HTML 6Page - STMicroelectronics L9951XP Datasheet HTML 7Page - STMicroelectronics L9951XP Datasheet HTML 8Page - STMicroelectronics L9951XP Datasheet HTML 9Page - STMicroelectronics L9951XP Datasheet HTML 10Page - STMicroelectronics L9951XP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
L9951 / L9951XP
Block diagram and pin description
Doc ID 14173 Rev 8
7/36
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1, 18, 19,
36
GND
Ground
.
Reference potential.
Note: For the capability of driving the full current at the outputs all pins of
GND must be externally connected.
6, 7, 14,
15, 23, 24,
29, 32
VS
Power supply voltage (external reverse protection required).
For EMI reason a ceramic capacitor as close as possible to GND is
recommended.
Note: for the capability of driving the full current at the outputs all pins of
VS must be externally connected.
3, 4, 34
OUT1
Half-bridge output 1.
The output is built by a high side and a low side switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal reverse diode (bulk-drain-
diode: high side driver from output to VS, low side driver from GND to
output). This output is over-current and open-load protected.
Note: for the capability of driving the full current at the outputs all pins of
OUT1 must be externally connected.
8DI
Serial data input.
The input requires CMOS logic levels and receives serial data from the
microcontroller. The data is a 16bit control word and the least significant
bit (LSB, bit 0) is transferred first.
9CM/PWM
Current monitor output/PWM input.
Depending on the selected multiplexer bits (bit 9, 10, 11) of Input Data
Register this output sources an image of the instant current through the
corresponding high side driver with a ratio of 1/10.000. This pin is
bidirectional. The microcontroller can overwrite the current monitor signal
to provide a PWM input for all outputs.
Testmode:
If CSN is raised above 7.5V the device will enter the test mode. In test
mode this output can be used to measure some internal signals (see
Table 18).
10
CSN
Chip select not input / Testmode
.
This input is low active and requires CMOS logic levels. The serial data
transfer between L9951 and micro controller is enabled by pulling the
input CSN to low level. If an input voltage of more than 7.5V is applied to
CSN pin the L9951 will be switched into a test mode.
11
DO
Serial data output .
The diagnosis data is available via the SPI and this tristate-output. The
output will remain in tristate, if the chip is not selected by the input CSN
(CSN = high).
12
VCC
Logic supply voltage .
For this input a ceramic capacitor as close as possible to GND is
recommended.
13
CLK
Serial clock input .
This input controls the internal shift register of the SPI and requires
CMOS logic levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com