Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 103Page - Renesas Technology Corp R28 Datasheet HTML 104Page - Renesas Technology Corp R28 Datasheet HTML 105Page - Renesas Technology Corp R28 Datasheet HTML 106Page - Renesas Technology Corp R28 Datasheet HTML 107Page - Renesas Technology Corp R28 Datasheet HTML 108Page - Renesas Technology Corp R28 Datasheet HTML 109Page - Renesas Technology Corp R28 Datasheet HTML 110Page - Renesas Technology Corp R28 Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 88 of 441
REJ09B0279-0210
10.5.1.1
High-Speed Clock Mode
The XIN clock divided by 1 (no division), 2, 4, 8, or 16 provides the CPU clock. Set the CM06 bit to 1 (divide-
by-8 mode) when transiting to high-speed on-chip oscillator mode, low-speed on-chip oscillator mode. If the
CM14 bit is set to 0 (low-speed on-chip oscillator on) or the FRA00 bit in the FRA0 register is set to 1 (high-
speed on-chip oscillator on), fOCO can be used as timer RA. When the FRA00 bit is set to 1, fOCO40M can be
used as timer RC. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the
watchdog timer and voltage detection circuit.
10.5.1.2
Low-Speed Clock Mode (For N, D Version Only)
The XCIN clock divided by 1 (no division), 2, 4, 8, or 16 provides the CPU clock. Set the CM06 bit to 1 (divide
by-8 mode) when transiting to high-speed on-chip oscillator mode, low-speed on-chip oscillator mode. If the
CM14 bit is set to 0 (low-speed on-chip oscillator on) or the FRA00 bit in the FRA0 register is set to 1 (high
speed on-chip oscillator on), fOCO can be used as timer RA. When the FRA00 bit is set to 1, fOCO40M can be
used as timer RC.
When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used as the watchdog timer
and voltage detection circuit.
In this mode, stopping the XIN clock and high-speed on-chip oscillator, and setting the FMR47 bit in the FMR4
register to 1 (flash memory low consumption current read mode enabled) enables low consumption operation.
To enter wait mode from low-speed clock mode, setting the VCA20 bit in the VCA2 register to 1 (internal
power low consumption enabled) enables lower consumption current in wait mode.
When enabling reduced internal power consumption using the VCA20 bit, follow Figure 10.14 Procedure for
Enabling Reduced Internal Power Consumption Using VCA20 bit.
10.5.1.3
High-Speed On-Chip Oscillator Mode
The high-speed on-chip oscillator is used as the on-chip oscillator clock when the FRA00 bit in the FRA0
register is set to 1 (high-speed on-chip oscillator on) and the FRA01 bit in the FRA0 register is set to 1. The on-
chip oscillator divided by 1 (no division), 2, 4, 8, or 16 provides the CPU clock. Set the CM06 bit to 1 (divide-
by-8 mode) when transiting to high-speed clock mode. If the FRA00 bit is set to 1, fOCO40M can be used as
timer RC. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used for the
watchdog timer and voltage detection circuit.
10.5.1.4
Low-Speed On-Chip Oscillator Mode
If the CM14 bit in the CM1 register is set to 0 (low-speed on-chip oscillator on) or the FRA01bit in the FRA0
register is set to 0, the low-speed on-chip oscillator provides the on-chip oscillator clock.
The on-chip oscillator clock divided by 1 (no division), 2, 4, 8 or 16 provides the CPU clock. The on-chip
oscillator clock is also the clock source for the peripheral function clocks. Set the CM06 bit to 1 (divide-by-8
mode) when transiting to high-speed clock mode. When the FRA00 bit is set to 1, fOCO40M can be used as
timer RC. When the CM14 bit is set to 0 (low-speed on-chip oscillator on), fOCO-S can be used as the
watchdog timer and voltage detection circuit.
In this mode, stopping the XIN clock and high-speed on-chip oscillator, and setting the FMR47 bit in the FMR4
register to 1 (flash memory low consumption current read mode enabled) enables low consumption operation.
To enter wait mode from low-speed on-chip oscillator mode, setting the VCA20 bit in the VCA2 register to 1
(internal power low consumption enabled) enables lower consumption current in wait mode.
When enabling reduced internal power consumption using the VCA20 bit, follow Figure 10.14 Procedure for
Enabling Reduced Internal Power Consumption Using VCA20 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com