| Electronic Components Datasheet Search |
|
R28 Datasheet(PDF) 109 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R28 Datasheet(HTML) 109 Page - Renesas Technology Corp |
|
109 / 473 page ![]() R8C/28 Group, R8C/29 Group 10. Clock Generation Circuit Rev.2.10 Sep 26, 2008 Page 90 of 441 REJ09B0279-0210 10.5.2.4 Exiting Wait Mode The MCU exits wait mode by a reset or a peripheral function interrupt. The peripheral function interrupts are affected by the CM02 bit. When the CM02 bit is set to 0 (peripheral function clock does not stop in wait mode), all peripheral function interrupts can be used to exit wait mode. When the CM02 bit is set to 1 (peripheral function clock stops in wait mode), the peripheral functions using the peripheral function clock stop operating and the peripheral functions operated by external signals or on-chip oscillator clock can be used to exit wait mode. Table 10.3 lists Interrupts to Exit Wait Mode and Usage Conditions. NOTE: 1. For N, D version only. Table 10.3 Interrupts to Exit Wait Mode and Usage Conditions Interrupt CM02 = 0 CM02 = 1 Serial interface interrupt Usable when operating with internal or external clock Usable when operating with external clock Clock synchronous serial I/O with chip select interrupt / I2C bus interface interrupt Usable in all modes (Do not use) Key input interrupt Usable Usable A/D conversion interrupt Usable in one-shot mode (Do not use) Timer RA interrupt Usable in all modes Can be used if there is no filter in event counter mode. Usable by selecting fOCO or fC32(1) as count source. Timer RB interrupt Usable in all modes (Do not use) Timer RE interrupt Usable in all modes Usable when operating in real time clock mode(1) INT interrupt Usable Usable (INT0, INT1, INT3 can be used if there is no filter.) Voltage monitor 1 interrupt Usable Usable Voltage monitor 2 interrupt Usable Usable Oscillation stop detection interrupt Usable (Do not use) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |