Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 190Page - Renesas Technology Corp R28 Datasheet HTML 191Page - Renesas Technology Corp R28 Datasheet HTML 192Page - Renesas Technology Corp R28 Datasheet HTML 193Page - Renesas Technology Corp R28 Datasheet HTML 194Page - Renesas Technology Corp R28 Datasheet HTML 195Page - Renesas Technology Corp R28 Datasheet HTML 196Page - Renesas Technology Corp R28 Datasheet HTML 197Page - Renesas Technology Corp R28 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 175 of 441
REJ09B0279-0210
14.3.2
Registers Associated with Timer RC
Table 14.13 lists the Registers Associated with Timer RC. Figures 14.27 to 14.36 show details of the registers
associated with timer RC.
− : Invalid
Table 14.13
Registers Associated with Timer RC
Address
Symbol
Mode
Related Information
Timer
PWM
PWM2
Input
Capture
Function
Output
Compare
Function
0120h
TRCMR
Valid
Valid
Valid
Valid
Timer RC mode register
Figure 14.27 TRCMR Register
0121h
TRCCR1
Valid
Valid
Valid
Valid
Timer RC control register 1
Figure 14.28 TRCCR1 Register
Figure 14.49 TRCCR1 Register for Output
Compare Function
Figure 14.52 TRCCR1 Register in PWM Mode
Figure 14.56 TRCCR1 Register in PWM2 Mode
0122h
TRCIER
Valid
Valid
Valid
Valid
Timer RC interrupt enable register
Figure 14.29 TRCIER Register
0123h
TRCSR
Valid
Valid
Valid
Valid
Timer RC status register
Figure 14.30 TRCSR Register
0124h
TRCIOR0
Valid
Valid
−−
Timer RC I/O control register 0, timer RC I/O
control register 1
Figure 14.36 Registers TRCIOR0 and TRCIOR1
Figure 14.43 TRCIOR0 Register for Input
Capture Function
Figure 14.44 TRCIOR1 Register for Input
Capture Function
Figure 14.47 TRCIOR0 Register for Output
Compare Function
Figure 14.48 TRCIOR1 Register for Output
Compare Function
0125h
TRCIOR1
0126h
0127h
TRC
Valid
Valid
Valid
Valid
Timer RC counter
Figure 14.31 TRC Register
0128h
0129h
TRCGRA
Valid
Valid
Valid
Valid
Timer RC general registers A, B, C, and D
Figure 14.32 Registers TRCGRA, TRCGRB,
TRCGRC, and TRCGRD
012Ah
012Bh
TRCGRB
012Ch
012Dh
TRCGRC
012Eh
012Fh
TRCGRD
0130h
TRCCR2
−−
−
Valid
Timer RC control register 2
Figure 14.33 TRCCR2 Register
0131h
TRCDF
Valid
−−
Valid
Timer RC digital filter function select register
Figure 14.34 TRCDF Register
0132h
TRCOER
−
Valid
Valid
Valid
Timer RC output mask enable register
Figure 14.35 TRCOER Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com