Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 191Page - Renesas Technology Corp R28 Datasheet HTML 192Page - Renesas Technology Corp R28 Datasheet HTML 193Page - Renesas Technology Corp R28 Datasheet HTML 194Page - Renesas Technology Corp R28 Datasheet HTML 195Page - Renesas Technology Corp R28 Datasheet HTML 196Page - Renesas Technology Corp R28 Datasheet HTML 197Page - Renesas Technology Corp R28 Datasheet HTML 198Page - Renesas Technology Corp R28 Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 176 of 441
REJ09B0279-0210
Figure 14.27
TRCMR Register
Timer RC Mode Register
(1)
Symbol
Address
After Reset
TRCMR
0120h
01001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. These bits are enabled w hen the PWM2 bit is set to 1 (timer mode or PWM mode).
3. Set the BFC bit to 0 (general register) in PWM2 mode.
0 : Timer mode
1 : PWM mode
RW
PWM2
PWM2 mode select bit
0 : PWM 2 mode
1 : Timer mode or PWM mode
RW
For notes on PWM2 mode, refer to 14.3.9.5 TRCMR Register in PWM2 Mode.
b3 b2
BFD
b1 b0
PWMC
RW
RW
PWMB
0 : General register
1 : Buffer register of TRCGRA register
TRCGRD register function select
bit
0 : General register
1 : Buffer register of TRCGRB register
0 : Timer mode
1 : PWM mode
RW
PWMD
PWM mode of TRCIOD select bit(2)
b7 b6 b5 b4
Nothing is assigned. If necessary, set to 0.
When read, the content is 1.
—
(b6)
BFC
—
RW
TSTART
RW
TRC count start bit
0 : Count stops
1 : Count starts
PWM mode of TRCIOB select bit(2)
0 : Timer mode
1 : PWM mode
TRCGRC register function select
bit(3)
PWM mode of TRCIOC select bit(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com