Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 243Page - Renesas Technology Corp R28 Datasheet HTML 244Page - Renesas Technology Corp R28 Datasheet HTML 245Page - Renesas Technology Corp R28 Datasheet HTML 246Page - Renesas Technology Corp R28 Datasheet HTML 247Page - Renesas Technology Corp R28 Datasheet HTML 248Page - Renesas Technology Corp R28 Datasheet HTML 249Page - Renesas Technology Corp R28 Datasheet HTML 250Page - Renesas Technology Corp R28 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 228 of 441
REJ09B0279-0210
14.4.3
Notes on Timer RE
14.4.3.1
Starting and Stopping Count
Timer RE has the TSTART bit for instructing the count to start or stop, and the TCSTF bit, which indicates
count start or stop. Bits TSTART and TCSTF are in the TRECR1 register.
Timer RE starts counting and the TCSTF bit is set to 1 (count starts) when the TSTART bit is set to 1 (count
starts). It takes up to 2 cycles of the count source until the TCSTF bit is set to 1 after setting the TSTART bit to
1. During this time, do not access registers associated with timer RE(1) other than the TCSTF bit.
Also, timer RE stops counting when setting the TSTART bit to 0 (count stops) and the TCSTF bit is set to 0
(count stops). It takes the time for up to 2 cycles of the count source until the TCSTF bit is set to 0 after setting
the TSTART bit to 0. During this time, do not access registers associated with timer RE other than the TCSTF
bit.
NOTE:
1. Registers associated with timer RE: TRESEC, TREMIN, TREHR, TREWK, TRECR1, TRECR2, and
TRECSR.
14.4.3.2
Register Setting
Write to the following registers or bits when timer RE is stopped.
• Registers TRESEC, TREMIN, TREHR, TREWK, and TRECR2
• Bits H12_H24, PM, and INT in TRECR1 register
• Bits RCS0 to RCS3 in TRECSR register
Timer RE is stopped when bits TSTART and TCSTF in the TRECR1 register are set to 0 (timer RE stopped).
Also, set all above-mentioned registers and bits (immediately before timer RE count starts) before setting the
TRECR2 register.
Figure 14.78 shows a Setting Example in Real-Time Clock Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com