Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 242Page - Renesas Technology Corp R28 Datasheet HTML 243Page - Renesas Technology Corp R28 Datasheet HTML 244Page - Renesas Technology Corp R28 Datasheet HTML 245Page - Renesas Technology Corp R28 Datasheet HTML 246Page - Renesas Technology Corp R28 Datasheet HTML 247Page - Renesas Technology Corp R28 Datasheet HTML 248Page - Renesas Technology Corp R28 Datasheet HTML 249Page - Renesas Technology Corp R28 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 227 of 441
REJ09B0279-0210
Figure 14.76
TRECSR Register in Output Compare Mode
Figure 14.77
Operating Example in Output Compare Mode
Timer RE Count Source Select Register
Symbol
Address
After Reset
TRECSR
011Eh
00001000b
Bit Symbol
Bit Name
Function
RW
NOTE:
1. For J, K version, fC4 cannot be selected.
RW
—
(b7)
—
Real-time clock mode select bit
Set to 0 in output compare mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
—
(b4)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
4-bit counter select bit
0 : Not used
1 : Used
RCS2
RW
RW
RCS1
RW
Count source select bits
b1 b0
0 0 : f4
0 1 : f8
1 0 : f32
1 1 : fC4(1)
00
b7 b6 b5 b4 b3 b2
RCS3
b1 b0
0
RCS0
—
(b6-b5)
Reserved bits
Set to 00b.
RW
00h
Count starts
Time
TSTART bit in
TRECR1 register
1
0
IR bit in
TREIC register
1
0
The above applies under the following conditions.
TOENA bit in TRECR1 register = 1 (enable clock output)
COMIE bit in TRECR2 register = 1 (enable compare match interrupt)
RCS6 to RCS5 bits in TRECSR register = 11b (compare output)
Set to
1 by a program
TREMIN register
setting value
Matched
TCSTF bit in
TRECR1 register
1
0
Matched
Matched
Set to
0 by acknowledgement of interrupt request or a program
2 cycles of maximum count source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com