Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp R28 Datasheet HTML 240Page - Renesas Technology Corp R28 Datasheet HTML 241Page - Renesas Technology Corp R28 Datasheet HTML 242Page - Renesas Technology Corp R28 Datasheet HTML 243Page - Renesas Technology Corp R28 Datasheet HTML 244Page - Renesas Technology Corp R28 Datasheet HTML 245Page - Renesas Technology Corp R28 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 223 of 441
REJ09B0279-0210
Figure 14.70
Operating Example in Real-Time Clock Mode
IR bit in TREIC register
03
IR bit in TREIC register
Bits WK2 to WK0 in
TREWK register
(when SEIE bit in TRECR2 register is set
to 1 (enable periodic interrupt triggered
every second))
(when MNIE bit in TRECR2 register is set
to 1 (enable periodic interrupt triggered
every minute))
1
0
PM bit in
TRECR1 register
Bits HR11 to HR00 in
TREHR register
(Not changed)
Set to 0 by acknowledgement
of interrupt request
or a program
04
Bits MN12 to MN00 in
TREMIN register
58
59
00
BSY bit
Approx.
62.5 ms
Bits SC12 to SC00 in
TRESEC register
1s
BSY: Bit in registers TRESEC, TREMIN, TREHR, and TREWK
Approx.
62.5 ms
1
0
1
0
(Not changed)
(Not changed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com