Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 238 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 238 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 234Page - Renesas Technology Corp R28 Datasheet HTML 235Page - Renesas Technology Corp R28 Datasheet HTML 236Page - Renesas Technology Corp R28 Datasheet HTML 237Page - Renesas Technology Corp R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp R28 Datasheet HTML 240Page - Renesas Technology Corp R28 Datasheet HTML 241Page - Renesas Technology Corp R28 Datasheet HTML 242Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 219 of 441
REJ09B0279-0210
Figure 14.64
TREHR Register in Real-Time Clock Mode
Figure 14.65
TREWK Register in Real-Time Clock Mode
Timer RE Hour Data Register
Symbol
Address
After Reset
TREHR
011Ah
00h
Bit Symbol
Bit Name
Function
Setting
Range
RW
This bit is set to 1 w hile registers TRESEC,
TREMIN, TREHR, and TREWK are updated.
2nd digit of hour count bits
Count 0 to 1 w hen the H12_H24 bit is
set to 0 (12-hour mode).
Count 0 to 2 w hen the H12_H24 bit is
set to 1 (24-hour mode).
0 to 2
(BCD
code)
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b3 b2
HR03
b1 b0
b7 b6 b5 b4
HR00
RW
1st digit of hour count bits
HR01
RW
Count 0 to 9 every hour. When the
digit moves up, 1 is added to the 2nd
digit of hour.
0 to 9
(BCD
code)
HR02
RW
BSY
RO
—
(b6)
RW
HR10
RW
HR11
—
RW
Timer RE busy flag
Timer RE Day of Week Data Register
Symbol
Address
After Reset
TREWK
011Bh
00h
Bit Symbol
Bit Name
Function
RW
—
BSY
RO
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Timer RE busy flag
This bit is set to 1 w hile registers TRESEC,
TREMIN, TREHR, and TREWK are updated.
RW
WK1
RW
Day of w eek count bits
b2 b1 b0
0 0 0 : Sunday
0 0 1 : Monday
0 1 0 : Tuesday
0 1 1 : Wednesday
1 0 0 : Thursday
1 0 1 : Friday
1 1 0 : Saturday
1 1 1 : Do not set
WK2
RW
b7 b6 b5 b4 b3 b2
—
(b6-b3)
b1 b0
WK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com