Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 235 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 235 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 231Page - Renesas Technology Corp R28 Datasheet HTML 232Page - Renesas Technology Corp R28 Datasheet HTML 233Page - Renesas Technology Corp R28 Datasheet HTML 234Page - Renesas Technology Corp R28 Datasheet HTML 235Page - Renesas Technology Corp R28 Datasheet HTML 236Page - Renesas Technology Corp R28 Datasheet HTML 237Page - Renesas Technology Corp R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 216 of 441
REJ09B0279-0210
14.4.1
Real-Time Clock Mode (For N, D Version Only)
In real-time clock mode, a 1-second signal is generated from fC4 using a divide-by-2 frequency divider, 4-bit
counter, and 8-bit counter and used to count seconds, minutes, hours, and days of the week. Figure 14.61 shows
a Block Diagram of Real-Time Clock Mode and Table 14.25 lists the Specifications of Real-Time Clock Mode.
Figures 14.62 to 14.66 and 14.68 and 14.69 show the registers associated with real-time clock mode. Table
14.26 lists the Interrupt Sources, Figure 14.67 shows the Definition of Time Representation and Figure 14.70
shows the Operating Example in Real-Time Clock Mode.
Figure 14.61
Block Diagram of Real-Time Clock Mode
TREWK
register
TREHR
register
TREMIN
register
TRESEC
register
H12_H24
bit
PM
bit
MNIE
HRIE
WKIE
000
DYIE
SEIE
Timer RE interrupt
INT
bit
BSY
bit
8-bit counter
4-bit counter
Overflow
(1s)
Overflow
1/2
(1/256)
(1/16)
fC4
H12_H24, PM, INT: Bits in TRECR1 register
BSY: Bit in registers TRESEC, TREMIN, TREHR, and TREWK
Timing
control
Data bus
Overflow
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com