Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 231 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 231 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 227Page - Renesas Technology Corp R28 Datasheet HTML 228Page - Renesas Technology Corp R28 Datasheet HTML 229Page - Renesas Technology Corp R28 Datasheet HTML 230Page - Renesas Technology Corp R28 Datasheet HTML 231Page - Renesas Technology Corp R28 Datasheet HTML 232Page - Renesas Technology Corp R28 Datasheet HTML 233Page - Renesas Technology Corp R28 Datasheet HTML 234Page - Renesas Technology Corp R28 Datasheet HTML 235Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 212 of 441
REJ09B0279-0210
Figure 14.59
Operating Example of PWM2 Mode (Duty 0% and Duty 100%)
• TRCGRC register setting value greater than TRCGRA
register setting value
m
n
TRC register value
p
Set to 0 by a
program
0000h
IMFB bit in
TRCSR register
1
0
IMFC bit in
TRCSR register
1
0
TSTART bit in
TRCMR register
TRCIOB output
1
0
The above applies under the following conditions:
• The TOB bit in the TRCCR1 register is set to 0 (initial level is “L”, “H” output at compare match with the TRCGRC register, “L” output at compare
match with the TRCGRB register).
• Bits TCEG1 and TCEG0 in the TRCCR2 register are set to 00b (TRCTRG trigger input disabled).
p+1
IMFA bit in
TRCSR register
1
0
“L” initial
output
No compare match with
TRCGRB register, so
“H” output continues
“H” output at TRCGRC register
compare match
m+1
• TRCGRB register setting value greater than TRCGRA
register setting value
m
p
TRC register value
n
0000h
IMFB bit in
TRCSR register
1
0
IMFC bit in
TRCSR register
1
0
TSTART bit in
TRCMR register
TRCIOB output
1
0
n+1
IMFA bit in
TRCSR register
1
0
“L” initial
output
“L” output at
TRCGRB register
compare match
with no change
No compare match
with TRCGRC register,
so “L” output continues
m+1
m: TRCGRA register setting value
n: TRCGRB register setting value
p: TRCGRC register setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com