Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 227 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 227 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 223Page - Renesas Technology Corp R28 Datasheet HTML 224Page - Renesas Technology Corp R28 Datasheet HTML 225Page - Renesas Technology Corp R28 Datasheet HTML 226Page - Renesas Technology Corp R28 Datasheet HTML 227Page - Renesas Technology Corp R28 Datasheet HTML 228Page - Renesas Technology Corp R28 Datasheet HTML 229Page - Renesas Technology Corp R28 Datasheet HTML 230Page - Renesas Technology Corp R28 Datasheet HTML 231Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 208 of 441
REJ09B0279-0210
j = A, B, or C
Table 14.22
Specifications of PWM2 Mode
Item
Specification
Count source
f1, f2, f4, f8, f32, fOCO40M, or external signal (rising edge) input to TRCCLK pin
Count operation
Increment TRC register
PWM waveform
PWM period: 1/fk × (m + 1) (no TRCTRG input)
Active level width: 1/fk × (n - p)
Wait time from count start or trigger: 1/fk × (p + 1)
fk: Count source frequency
m: TRCGRA register setting value
n: TRCGRB register setting value
p: TRCGRC register setting value
Count start conditions
• Bits TCEG1 to TCEG0 in the TRCCR2 register are set to 00b (TRCTRG trigger
disabled) or the CSEL bit in the TRCCR2 register is set to 0 (count continues).
1 (count starts) is written to the TSTART bit in the TRCMR register.
• Bits TCEG1 to TCEG0 in the TRCCR2 register are set to 01b, 10b, or 11b
(TRCTRG trigger enabled) and the TSTART bit in the TRCMR register is set to 1
(count starts).
A trigger is input to the TRCTRG pin
Count stop conditions
• 0 (count stops) is written to the TSTART bit in the TRCMR register while the CSEL
bit in the TRCCR2 register is set to 0 or 1.
The TRCIOB pin outputs the initial level in accordance with the value of the TOB
bit in the TRCCR1 register. The TRC register retains the value before count stops.
• The count stops due to a compare match with TRCGRA while the CSEL bit in the
TRCCR2 register is set to 1
The TRCIOB pin outputs the initial level. The TRC register retains the value before
count stops if the CCLR bit in the TRCCR1 register is set to 0. The TRC register is
set to 0000h if the CCLR bit in the TRCCR1 register is set to 1.
Interrupt request
generation timing
• Compare match (contents of TRC and TRCGRj registers match)
• The TRC register overflows
TRCIOA/TRCTRG pin
function
Programmable I/O port or TRCTRG input
TRCIOB pin function
PWM output
TRCIOC and TRCIOD
pin functions
Programmable I/O port
INT0 pin function
Programmable I/O port, pulse output forced cutoff signal input, or INT0 interrupt
input
Read from timer
The count value can be read by reading the TRC register.
Write to timer
The TRC register can be written to.
Select functions
• External trigger and valid edge selected
The edge or edges of the signal input to the TRCTRG pin can be used as the
PWM output trigger: rising edge, falling edge, or both rising and falling edges
• Buffer operation (Refer to 14.3.3.2 Buffer Operation.)
• Pulse output forced cutoff signal input (Refer to 14.3.3.4 Forced Cutoff of Pulse
Output.)
• Digital filter (Refer to 14.3.3.3 Digital Filter.)
m+1
TRCTRG input
TRCIOB output
(TRCTRG: Rising edge, active level is “H”)
n-p
n+1
p+1
p+1
n+1
n-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com