Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 233Page - Renesas Technology Corp R28 Datasheet HTML 234Page - Renesas Technology Corp R28 Datasheet HTML 235Page - Renesas Technology Corp R28 Datasheet HTML 236Page - Renesas Technology Corp R28 Datasheet HTML 237Page - Renesas Technology Corp R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp R28 Datasheet HTML 240Page - Renesas Technology Corp R28 Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 218 of 441
REJ09B0279-0210
Figure 14.62
TRESEC Register in Real-Time Clock Mode
Figure 14.63
TREMIN Register in Real-Time Clock Mode
Timer RE Second Data Register
Symbol
Address
After Reset
TRESEC
0118h
00h
Bit Symbol
Bit Name
Function
Setting
Range
RW
When counting 0 to 5, 60 seconds
are counted.
0 to 5
(BCD
code)
This bit is set to 1 w hile registers TRESEC,
TREMIN, TREHR, and TREWK are updated.
b3 b2
SC03
b1 b0
b7 b6 b5 b4
SC00
RW
1st digit of second count bits
SC01
RW
Count 0 to 9 every second. When the
digit moves up, 1 is added to the 2nd
digit of second.
0 to 9
(BCD
code)
SC02
RW
RW
SC10
RW
SC11
BSY
RO
SC12
RW
RW
Timer RE busy flag
2nd digit of second count bits
Timer RE Minute Data Register
Symbol
Address
After Reset
TREMIN
0119h
00h
Bit Symbol
Bit Name
Function
Setting
Range
RW
MN10
RW
MN11
BSY
RO
MN12
RW
RW
Timer RE busy flag
2nd digit of minute count bits
When counting 0 to 5, 60 minutes are
counted.
0 to 5
(BCD
code)
MN00
RW
1st digit of minute count bits
MN01
RW
Count 0 to 9 every minute. When the
digit moves up, 1 is added to the 2nd
digit of minute.
0 to 9
(BCD
code)
MN02
RW
RW
b7 b6 b5 b4
This bit is set to 1 w hile registers TRESEC,
TREMIN, TREHR, and TREWK are updated.
b3 b2
MN03
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com