Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 237Page - Renesas Technology Corp R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp R28 Datasheet HTML 240Page - Renesas Technology Corp R28 Datasheet HTML 241Page - Renesas Technology Corp R28 Datasheet HTML 242Page - Renesas Technology Corp R28 Datasheet HTML 243Page - Renesas Technology Corp R28 Datasheet HTML 244Page - Renesas Technology Corp R28 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 222 of 441
REJ09B0279-0210
Figure 14.69
TRECSR Register in Real-Time Clock Mode
Timer RE Count Source Select Register
Symbol
Address
After Reset
TRECSR
011Eh
00001000b
Bit Symbol
Bit Name
Function
RW
Set to 00b.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
—
4-bit counter select bit
Set to 0 in real-time clock mode.
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Reserved bits
RCS2
RW
RW
—
(b7)
—
Real-time clock mode select bit
Set to 1 in real-time clock mode.
—
(b6-b5)
RW
—
(b4)
RW
RCS1
RW
Count source select bits
Set to 00b in real-time clock mode.
00
b7 b6 b5 b4 b3 b2
RCS3
b1 b0
00
10
RCS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com