Electronic Components Datasheet Search
  English  ▼

X  

R28 Datasheet(PDF) 240 Page - Renesas Technology Corp

Part # R28
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R28 Datasheet(HTML) 240 Page - Renesas Technology Corp

Back Button R28 Datasheet HTML 236Page - Renesas Technology Corp R28 Datasheet HTML 237Page - Renesas Technology Corp R28 Datasheet HTML 238Page - Renesas Technology Corp R28 Datasheet HTML 239Page - Renesas Technology Corp R28 Datasheet HTML 240Page - Renesas Technology Corp R28 Datasheet HTML 241Page - Renesas Technology Corp R28 Datasheet HTML 242Page - Renesas Technology Corp R28 Datasheet HTML 243Page - Renesas Technology Corp R28 Datasheet HTML 244Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 473 page
background image
R8C/28 Group, R8C/29 Group
14. Timers
Rev.2.10
Sep 26, 2008
Page 221 of 441
REJ09B0279-0210
Figure 14.68
TRECR2 Register in Real-Time Clock Mode
Table 14.26
Interrupt Sources
Factor
Interrupt Source
Interrupt Enable Bit
Periodic interrupt
triggered every week
Value in TREWK register is set to 000b (Sunday)
(1-week period)
WKIE
Periodic interrupt
triggered every day
TREWK register is updated (1-day period)
DYIE
Periodic interrupt
triggered every hour
TREHR register is updated (1-hour period)
HRIE
Periodic interrupt
triggered every minute
TREMIN register is updated (1-minute period)
MNIE
Periodic interrupt
triggered every second
TRESEC register is updated (1-second period)
SEIE
Timer RE Control Register 2
Symbol
Address
After Reset
TRECR2
011Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RW
RW
—
(b7-b6)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Set to 0 in real-time clock mode.
WKIE
Periodic interrupt triggered every
w eek enable bit(1)
0 : Disable periodic interrupt triggered
every w eek
1 : Enable periodic interrupt triggered
every w eek
Periodic interrupt triggered every
hour enable bit(1)
0 : Disable periodic interrupt triggered
every hour
1 : Enable periodic interrupt triggered
every hour
Do not set multiple enable bits to 1 (enable interrupt).
HRIE
RW
RW
Periodic interrupt triggered every day
enable bit(1)
0 : Disable periodic interrupt triggered
every day
1 : Enable periodic interrupt triggered
every day
COMIE
Compare match interrupt enable bit
RW
MNIE
RW
Periodic interrupt triggered every
minute enable bit(1)
0 : Disable periodic interrupt triggered
every minute
1 : Enable periodic interrupt triggered
every minute
Periodic interrupt triggered every
second enable bit(1)
0 : Disable periodic interrupt triggered
every second
1 : Enable periodic interrupt triggered
every second
0
b7 b6 b5 b4 b3 b2
DYIE
b1 b0
SEIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com