Electronic Components Datasheet Search
  English  ▼

X  

R29 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # R29
Description  RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
PDF  473 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R29 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button R29 Datasheet HTML 107Page - Renesas Technology Corp R29 Datasheet HTML 108Page - Renesas Technology Corp R29 Datasheet HTML 109Page - Renesas Technology Corp R29 Datasheet HTML 110Page - Renesas Technology Corp R29 Datasheet HTML 111Page - Renesas Technology Corp R29 Datasheet HTML 112Page - Renesas Technology Corp R29 Datasheet HTML 113Page - Renesas Technology Corp R29 Datasheet HTML 114Page - Renesas Technology Corp R29 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 473 page
background image
R8C/28 Group, R8C/29 Group
10. Clock Generation Circuit
Rev.2.10
Sep 26, 2008
Page 92 of 441
REJ09B0279-0210
10.5.2.5
Reducing Internal Power Consumption
Internal power consumption can be reduced by using low-speed clock mode (for N, D version only) or low-
speed on-chip oscillator mode. Figure 10.14 shows the Procedure for Enabling Reduced Internal Power
Consumption Using VCA20 bit.
When enabling reduced internal power consumption using the VCA20 bit, follow Figure 10.14 Procedure for
Enabling Reduced Internal Power Consumption Using VCA20 bit.
Figure 10.14
Procedure for Enabling Reduced Internal Power Consumption Using VCA20 bit
NOTES:
1. Execute this handling to all interrupt handlings generated around the WAIT instruction. If it is not necessary to start the high-speed
clock or the high-speed on-chip oscillator in the interrupt handling, it does not need to be started.
2. Do not set the VCA20 bit to 0 with the instruction immediately after setting the VCA20 bit to 1. Also, do not do the opposite.
3. When the VCA20 bit is set to 1, do not set the CM10 bit to 1 (stop mode).
4. When entering wait mode, follow 10.7.2 Wait Mode.
VCA20: Bit in VCA2 register
Handling procedure of internal power
low consumption enabled by VCA20 bit
Enter low-speed clock mode or low-speed on-
chip oscillator mode
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Enter wait mode(4)
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
(Wait until XIN clock oscillation stabilizes)
Enter high-speed clock mode or
high-speed on-chip oscillator mode
In interrupt handling routine
VCA20
← 0 (internal power low consumption
disabled)(2)
Start XIN clock or high-speed on-chip
oscillator clock
Enter mode other than low-speed clock mode
or low-speed on-chip oscillator mode
Enter low-speed clock mode or
low-speed on-chip oscillator mode
Exit wait mode by
interrupt
Interrupt handling
Stop XIN clock and high-speed on-chip
oscillator clock
VCA20
← 1 (internal power low consumption
enabled)(2, 3)
Interrupt handling completed
Step (1)
Step (2)
Step (3)
Step (4)
Step (5)
Step (6)
Step (7)
Step (8)
Step (5)
Step (6)
Step (7)
Step (8)
(Wait until XIN clock oscillation stabilizes)
Step (1)
Step (2)
Step (3)
If it is necessary to start
the high-speed clock or
the high-speed on-chip
oscillator in the interrupt
handling routine, execute
steps (5) to (7) in the
interrupt routine.
If the high-speed clock or
high-speed on-chip
oscillator is started in the
interrupt handling routine,
execute steps (1) to (3) at
the last of the interrupt
routine.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com