Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 46Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 47Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 48Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 49Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 52Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 53Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 48 of 90
M16C/6C Group
5. Electrical Characteristics
5.1.5
USB Characteristics
Notes:
1.
Referenced to VCC1 = 3.0 to 5.5 V, UVCC = 3.0 to 3.6 V, at Topr = -20 to 85 °C / -40 to 85 °C unless otherwise specified.
Figure 5.3
Data Signal Timing Diagram
Table 5.8
USB Characteristics (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VIH
Input
Characteristics
HIGH Input Voltage
Figure 5.3, Figure 5.4
2.0
-
-
V
VIL
LOW Input Voltage
-
-
0.8
V
VDI
Differential Input Sensitivity
0.2
-
-
V
VCM
Differential Common Mode
Range
0.8
-
2.5
V
VOH
Output
Characteristics
HIGH Output Voltage
Figure 5.3, Figure 5.4
IOH = 200 μA
2.8
-
-
V
VOL
LOW Output Voltage
Figure 5.3, Figure 5.4
IOL = 2 mA
--
0.3
V
VCRS
Crossover Voltage
Figure 5.3, Figure 5.4
1.3
-
2.0
V
tR
Rise Time
Figure 5.3, Figure 5.4
4.0
-
20.0
ns
tF
Fall Time
Figure 5.3, Figure 5.4
4.0
-
20.0
ns
tRFM
Rise Time / Fall Time
Matching
Figure 5.3, Figure 5.4
(tR/tF)
90.0
-
111.1
%
ZDRV
Output Resistance
Figure 5.3, Figure 5.4
Includes Rs = 27 Ω
28.0
-
44.0
Ω
UVCC
UVCC Output
Voltage
VCC1 = 4.0 to 5.5V, PXXCON = VDDUSBE = 1
3.0
3.3
3.6
V
PXXCON = 0
-
VCC1
-V
Isusp
Consumption current of the Internal Power
Supply for USB
VCC1 = 4.0 to 5.5 V
UVCC - VSS 0.33 μF
VCC1 - VSS 0.1 μF
50
μA
D+ D-
V
CRS
90 %
90 %
10 %
10 %
Rising time
Falling time
t
R
t
F
Differential
Date Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com