Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMNFB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F36CAMNFB
Description  RENESAS MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMNFB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F36CAMNFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 9Page - Renesas Technology Corp R5F36CAMNFB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
REJ03B0277-0100 Rev.1.00 Jul.15, 2009
Page 4 of 90
M16C/6C Group
1. Overview
1.3
Product List
Table 1.3 lists product information. Figure 1.1 shows the Part No. with Memory Size and Package, and
Figure 1.2 shows the Marking Diagram (Top View).
(D): Under development
(P): Planning
Note:
1.
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.3
Product List
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36CAMNFA
(P)
512KB
16KB
4KB
×2 blocks
31KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAMNFB
(D)
PLQP0100KB-A
R5F36CAMDFA
(P)
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAMDFB
(D)
PLQP0100KB-A
R5F36CAKNFA
(P)
384KB
16KB
4KB
×2 blocks
31KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAKNFB
(P)
PLQP0100KB-A
R5F36CAKDFA
(P)
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAKDFB
(P)
PLQP0100KB-A
R5F36CAENFA
(P)
256KB
16KB
4KB
×2 blocks
20KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAENFB
(P)
PLQP0100KB-A
R5F36CAEDFA
(P)
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAEDFB
(P)
PLQP0100KB-A
R5F36CA6NFA
(P)
128KB
16KB
4KB
×2 blocks
12KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CA6NFB
(P)
PLQP0100KB-A
R5F36CA6DFA
(P)
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CA6DFB
(P)
PLQP0100KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com