Electronic Components Datasheet Search
  English  ▼

X  

XC164TH Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # XC164TH
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164TH Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button XC164TH Datasheet HTML 3Page - Infineon Technologies AG XC164TH Datasheet HTML 4Page - Infineon Technologies AG XC164TH Datasheet HTML 5Page - Infineon Technologies AG XC164TH Datasheet HTML 6Page - Infineon Technologies AG XC164TH Datasheet HTML 7Page - Infineon Technologies AG XC164TH Datasheet HTML 8Page - Infineon Technologies AG XC164TH Datasheet HTML 9Page - Infineon Technologies AG XC164TH Datasheet HTML 10Page - Infineon Technologies AG XC164TH Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
XC164TM
Derivatives
Summary of Features
Data Sheet
5
V1.2, 2007-03
•
Up to 47 General Purpose I/O Lines,
partly with Selectable Input Thresholds and Hysteresis
•
On-Chip Bootstrap Loader
•
On-Chip Debug Support via JTAG Interface
•
64-Pin Green LQFP Package for the -16F derivatives, 0.5 mm (19.7 mil) pitch (RoHS
compliant)
•
64-Pin TQFP Package for the -4F/8F derivatives, 0.5 mm (19.7 mil) pitch (RoHS
compliant)
Ordering Information
The ordering code for Infineon microcontrollers provides an exact reference to the
required product. This ordering code identifies:
•
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
•
the package and the type of delivery.
For the available ordering codes for the XC164TM please refer to your responsible sales
representative or your local distributor.
This document describes several derivatives of the XC164TM group. Table 1
enumerates these derivatives and summarizes the differences. As this document refers
to all of these derivatives, some descriptions may not apply to a specific product.
For simplicity all versions are referred to by the term XC164TM throughout this
document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com