Electronic Components Datasheet Search
  English  ▼

X  

XC164TH Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # XC164TH
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164TH Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button XC164TH Datasheet HTML 9Page - Infineon Technologies AG XC164TH Datasheet HTML 10Page - Infineon Technologies AG XC164TH Datasheet HTML 11Page - Infineon Technologies AG XC164TH Datasheet HTML 12Page - Infineon Technologies AG XC164TH Datasheet HTML 13Page - Infineon Technologies AG XC164TH Datasheet HTML 14Page - Infineon Technologies AG XC164TH Datasheet HTML 15Page - Infineon Technologies AG XC164TH Datasheet HTML 16Page - Infineon Technologies AG XC164TH Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
XC164TM
Derivatives
General Device Information
Data Sheet
11
V1.2, 2007-03
Port 3
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.13
P3.15
28-39,
42
28
29
30
31
32
33
34
35
36
37
38
39
42
IO
O
I/O
I
I
I
I
O
O
I
I
I
O
O
I
I
I
I/O
I/O
O
I
I/O
I
I/O
I
O
O
Port 3 is a 13-bit bidirectional I/O port. Each pin can be
programmed for input (output driver in high-impedance state)
or output (configurable as push/pull or open drain driver). The
input threshold of Port 3 is selectable (standard or
special).The following Port 3 pins also serve for alternate
functions:
T6OUT: [GPT2] Timer T6 Toggle Latch Output,
RxD1: [ASC1] Data Input (Async.) or Inp./Outp. (Sync.),
EX1IN: [Fast External Interrupt 1] Input (alternate pin A),
TCK: [Debug System] JTAG Clock Input
CAPIN: [GPT2] Register CAPREL Capture Input,
TDI: [Debug System] JTAG Data In
T3OUT: [GPT1] Timer T3 Toggle Latch Output,
TDO: [Debug System] JTAG Data Out
T3EUD: [GPT1] Timer T3 External Up/Down Control Input,
TMS: [Debug System] JTAG Test Mode Selection
T4IN: [GPT1] Timer T4 Count/Gate/Reload/Capture Inp.
TxD1: [ASC0] Clock/Data Output (Async./Sync.),
BRKOUT: [Debug System] Break Out
T3IN: [GPT1] Timer T3 Count/Gate Input
T2IN: [GPT1] Timer T2 Count/Gate/Reload/Capture Inp.
BRKIN: [Debug System] Break In
MRST0: [SSC0] Master-Receive/Slave-Transmit In/Out.
MTSR0: [SSC0] Master-Transmit/Slave-Receive Out/In.
TxD0: [ASC0] Clock/Data Output (Async./Sync.),
EX2IN: [Fast External Interrupt 2] Input (alternate pin B)
RxD0: [ASC0] Data Input (Async.) or Inp./Outp. (Sync.),
EX2IN: [Fast External Interrupt 2] Input (alternate pin A)
SCLK0: [SSC0] Master Clock Output / Slave Clock Input.,
EX3IN: [Fast External Interrupt 3] Input (alternate pin A)
CLKOUT: System Clock Output (= CPU Clock),
FOUT: Programmable Frequency Output
Table 2
Pin Definitions and Functions (cont’d)
Sym-
bol
Pin
Num.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com