Electronic Components Datasheet Search
  English  ▼

X  

XC164TH Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # XC164TH
Description  16-Bit Single-Chip Microcontroller with C166SV2 Core
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC164TH Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button XC164TH Datasheet HTML 14Page - Infineon Technologies AG XC164TH Datasheet HTML 15Page - Infineon Technologies AG XC164TH Datasheet HTML 16Page - Infineon Technologies AG XC164TH Datasheet HTML 17Page - Infineon Technologies AG XC164TH Datasheet HTML 18Page - Infineon Technologies AG XC164TH Datasheet HTML 19Page - Infineon Technologies AG XC164TH Datasheet HTML 20Page - Infineon Technologies AG XC164TH Datasheet HTML 21Page - Infineon Technologies AG XC164TH Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
XC164TM
Derivatives
Functional Description
Data Sheet
16
V1.2, 2007-03
can consist of up to 16 word wide (R0 to R15) and/or byte wide (RL0, RH0, …, RL7, RH7)
so-called General Purpose Registers (GPRs).
The upper 256 bytes of the DPRAM are directly bit addressable. When used by a GPR,
any location in the DPRAM is bit addressable.
1024 bytes (2
× 512 bytes) of the address space are reserved for the Special Function
Register areas (SFR space and ESFR space). SFRs are word wide registers which are
used for controlling and monitoring functions of the different on-chip units. Unused SFR
addresses are reserved for future members of the XC166 Family. Therefore, they should
either not be accessed, or written with zeros, to ensure upward compatibility.
Table 3
XC164TM Memory Map
Address Area
Start Loc. End Loc.
Area Size1)
1) The areas marked with “<” are slightly smaller than indicated, see column “Notes”.
Notes
Flash register space
FF’F000H
FF’FFFFH
4 Kbytes
2)
2) Not defined register locations return a trap code (1E9BH).
Reserved (Acc. trap)
F8’0000H
FF’FFFFH 508 Kbytes
–
Reserved for PSRAM
E0’0800H
F7’FFFFH
< 1.5 Mbytes Minus PSRAM
Program SRAM
E0’0000H
E0’07FFH
2 Kbytes
–
Reserved for pr. mem.
C2’0000H
DF’FFFFH < 2 Mbytes
Minus Flash
Program Flash
C0’0000H
C1’FFFFH 128 Kbytes
XC164TM-16F
C0’0000H
C0’FFFFH 64 Kbytes
XC164TM-8F
C0’0000H
C0’7FFFH 32 Kbytes
XC164TM-4F
Reserved
20’0000H
BF’FFFFH < 10 Mbytes
Reserved
01’0000H
1F’FFFFH
< 2 Mbytes
Minus segment 0
SFR area
00’FE00H
00’FFFFH
0.5 Kbyte
–
Dual-Port RAM
00’F600H
00’FDFFH
2 Kbytes
–
Reserved for DPRAM
00’F200H
00’F5FFH
1 Kbyte
–
ESFR area
00’F000H
00’F1FFH
0.5 Kbyte
–
XSFR area
00’E000H
00’EFFFH
4 Kbytes
–
Reserved
00’D000H
00’DFFFH 6 Kbytes
–
Data SRAM
00’C000H
00’CFFFH 4 Kbytes
3)
3) Depends on the respective derivative. See Table 1 “XC164TM Derivative Synopsis” on Page 6.
Reserved for DSRAM
00’8000H
00’BFFFH
16 Kbytes
–
Reserved
00’0000H
00’7FFFH
32 Kbytes
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com