Electronic Components Datasheet Search
  English  ▼

X  

BBY53 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BBY53
Description  Silicon Tuning Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY53 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BBY53_07 Datasheet HTML 1Page - Infineon Technologies AG BBY53_07 Datasheet HTML 2Page - Infineon Technologies AG BBY53_07 Datasheet HTML 3Page - Infineon Technologies AG BBY53_07 Datasheet HTML 4Page - Infineon Technologies AG BBY53_07 Datasheet HTML 5Page - Infineon Technologies AG BBY53_07 Datasheet HTML 6Page - Infineon Technologies AG BBY53_07 Datasheet HTML 7Page - Infineon Technologies AG BBY53_07 Datasheet HTML 8Page - Infineon Technologies AG BBY53_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2007-09-18
3
BBY53...
Diode capacitance CT = ƒ (VR)
f
= 1MHz
0
0.5
1
1.5
2
V
3
VR
0
1
2
3
4
5
6
7
8
pF
10
Capacitance change
∆C = ƒ(T
A)
f
= 1 MHz
-40
-20
0
20
40
60
°C
100
TA
-3.75
-3
-2.25
-1.5
-0.75
0
0.75
1.5
2.25
3
3.75
%
5.25
1V
3V
Temperature coefficient of the diode
capacitance TCC = ƒ (VR)
f
= 1 MHz
0
0.5
1
1.5
2
2.5
3
V
4
VR
-4
10
-3
10
-2
10
1/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com