Electronic Components Datasheet Search
  English  ▼

X  

BBY53 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BBY53
Description  Silicon Tuning Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY53 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BBY53_07 Datasheet HTML 1Page - Infineon Technologies AG BBY53_07 Datasheet HTML 2Page - Infineon Technologies AG BBY53_07 Datasheet HTML 3Page - Infineon Technologies AG BBY53_07 Datasheet HTML 4Page - Infineon Technologies AG BBY53_07 Datasheet HTML 5Page - Infineon Technologies AG BBY53_07 Datasheet HTML 6Page - Infineon Technologies AG BBY53_07 Datasheet HTML 7Page - Infineon Technologies AG BBY53_07 Datasheet HTML 8Page - Infineon Technologies AG BBY53_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2007-09-18
1
BBY53...
Silicon Tuning Diode
• High Q hyperabrupt tuning diode
• Designed for low tuning voltage operation
for VCO's in mobile communications equipment
• High ratio at low reverse voltage
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101
BBY53-02L
BBY53-02V
BBY53-02W
BBY53-03W
BBY53
BBY53-05W

!

,
, 
Type
Package
Configuration
LS(nH) Marking
BBY53
BBY53-02L
BBY53-02V
BBY53-02W
BBY53-03W
BBY53-05W
SOT23
TSLP-2-1
SC79
SCD80
SOD323
SOT323
common cathode
single, leadless
single
single
single
common cathode
2
0.4
0.6
0.6
1.8
1.4
S7s
LL
L
LL
white/5
S7s
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
6
V
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 125
°C
Storage temperature
Tstg
-55 ... 150
1Pb-containing package may be available upon special request


Similar Part No. - BBY53_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY53-02L INFINEON-BBY53-02L Datasheet
417Kb / 3P
Silicon Tuning Diode
Oct-13-2003
BBY53-02V INFINEON-BBY53-02V Datasheet
417Kb / 3P
Silicon Tuning Diode
Oct-13-2003
logo
Siemens Semiconductor G...
BBY53-02W SIEMENS-BBY53-02W Datasheet
12Kb / 3P
Silicon Tuning Diode (High Q hyperabrupt tuning diode Designed for low tuning voltage operation)
logo
Infineon Technologies A...
BBY53-02W INFINEON-BBY53-02W Datasheet
417Kb / 3P
Silicon Tuning Diode
Oct-13-2003
BBY53-03L INFINEON-BBY53-03L Datasheet
417Kb / 3P
Silicon Tuning Diode
Oct-13-2003
More results

Similar Description - BBY53_07

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
Silicon Tuning Diode
2007-04-20
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
Silicon Tuning Diode
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com