Electronic Components Datasheet Search
  English  ▼

X  

BBY53 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BBY53
Description  Silicon Tuning Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY53 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BBY53_07 Datasheet HTML 1Page - Infineon Technologies AG BBY53_07 Datasheet HTML 2Page - Infineon Technologies AG BBY53_07 Datasheet HTML 3Page - Infineon Technologies AG BBY53_07 Datasheet HTML 4Page - Infineon Technologies AG BBY53_07 Datasheet HTML 5Page - Infineon Technologies AG BBY53_07 Datasheet HTML 6Page - Infineon Technologies AG BBY53_07 Datasheet HTML 7Page - Infineon Technologies AG BBY53_07 Datasheet HTML 8Page - Infineon Technologies AG BBY53_07 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2007-09-18
2
BBY53...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 4 V
VR = 4 V, TA = 85 °C
IR
-
-
-
-
10
200
nA
AC Characteristics
Diode capacitance
VR = 1 V, f = 1 MHz
VR = 3 V, f = 1 MHz
CT
4.8
1.85
5.3
2.4
5.8
3.1
pF
Capacitance ratio
VR = 1 V, VR = 3 V, f = 1 MHz
CT1/CT3
1.8
2.2
2.6
-
Series resistance
VR = 1 V, f = 1 GHz
rS
-
0.47
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com