Electronic Components Datasheet Search
  English  ▼

X  

BFP720F Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # BFP720F
Description  C Heterojunction Wideband RF Bipolar Transistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP720F Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button BFP720F Datasheet HTML 5Page - Infineon Technologies AG BFP720F Datasheet HTML 6Page - Infineon Technologies AG BFP720F Datasheet HTML 7Page - Infineon Technologies AG BFP720F Datasheet HTML 8Page - Infineon Technologies AG BFP720F Datasheet HTML 9Page - Infineon Technologies AG BFP720F Datasheet HTML 10Page - Infineon Technologies AG BFP720F Datasheet HTML 11Page - Infineon Technologies AG BFP720F Datasheet HTML 12Page - Infineon Technologies AG BFP720F Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BFP720F
Product Brief
Data Sheet
9
Revision 1.0, 2009-03-13
Table 2
Quick Reference AC Characteristics at
T
A = 25°C
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Transition frequency
f
T
–45
–
GHz
V
CE =3 V, IC =13mA,
f =1GHz
f = 2.4 GHz
Maximum Power Gain
Low Noise Operation Point
High Linearity Operation Point
G
ms
G
ms
–
22
25.5
–dB
I
C =5mA
I
C =13mA
Transducer Gain
Low Noise Operation Point
High Linearity Operation Point
S
21
S
21
–
20.5
23
–dB
Z
S = ZL =50 Ω
I
C =5mA
I
C =13mA
Minimum Noise Figure
Minimum Noise Figure
Associated Gain
NF
min
G
ass
–
0.55
22
–dB
Z
S = Zopt
I
C =5mA
I
C =5mA
Linearity
1 dB Gain Compression Point
3rd Order Intercept Point
OP
1dB
OIP
3
–
6
21
–dBm
Z
S = ZL =50 Ω
I
C =13mA
I
C =13mA
f =5.5 GHz
Maximum Power Gain
Low Noise Operation Point
High Linearity Operation Point
G
ms
G
ms
–
19
21.5
–dB
I
C =5mA
I
C =13mA
Transducer Gain
Low Noise Operation Point
High Linearity Operation Point
S
21
S
21
–
15
16.5
–dB
Z
S = ZL =50 Ω
I
C =5mA
I
C =13mA
Minimum Noise Figure
Minimum Noise Figure
Associated Gain
NF
min
G
ass
–
0.7
15
–dB
Z
S = Zopt
I
C =5mA
I
C =5mA
Linearity
1 dB Gain Compression Point
3rd Order Intercept Point
OP
1dB
OIP
3
–
7
21
–dBm
Z
S = ZL =50 Ω
I
C =13mA
I
C =13mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com